Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 29Page - Analog Devices ADP1763 Datasheet HTML 30Page - Analog Devices ADP1763 Datasheet HTML 31Page - Analog Devices ADP1763 Datasheet HTML 32Page - Analog Devices ADP1763 Datasheet HTML 33Page - Analog Devices ADP1763 Datasheet HTML 34Page - Analog Devices ADP1763 Datasheet HTML 35Page - Analog Devices ADP1763 Datasheet HTML 36Page - Analog Devices ADP1763 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
34 of 37
OUTLINE DIMENSIONS
ORDERING GUIDE
Table 9. Ordering Guide
Model 1
Temperature
Range
Package
Description
MSL
Rating
Packing
Quantity
Package
Option
LT3073AV#PBF
-40°C to 125°C
22-LEAD
(3mm x 4mm LQFN)
3
Tray, 490
05-08-7054
LT3073AV#TRPBF
-40°C to 125°C
22-LEAD
(3mm x 4mm LQFN)
3
Reel, 2500
05-08-7054
1
All models are RoHS compliant parts.
EVALUATION BOARDS
Table 10. Evaluation boards
Model 1
Description
EVAL-LT3073-AZ
Evaluation Board
1
The EVAL-LT3073-AZ is a RoHS compliant part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com