Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 20Page - Analog Devices ADP1763 Datasheet HTML 21Page - Analog Devices ADP1763 Datasheet HTML 22Page - Analog Devices ADP1763 Datasheet HTML 23Page - Analog Devices ADP1763 Datasheet HTML 24Page - Analog Devices ADP1763 Datasheet HTML 25Page - Analog Devices ADP1763 Datasheet HTML 26Page - Analog Devices ADP1763 Datasheet HTML 27Page - Analog Devices ADP1763 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
24 of 37
APPLICATIONS INFORMATION
The LT3073 is a low voltage, ultra-low noise, and ultra-fast transient response linear regulator. The device supplies
up to 3A with a typical dropout voltage of 45mV. A 4.7µF reference bypass capacitor decreases output voltage noise
to 1.2μVRMS. The LDO’s wide bandwidth and high PSRR permit the use of small ceramic capacitors, saving bulk
capacitance and cost. The LT3073 is ideal for high-performance FPGAs, microprocessors, RF communication, and
noise-sensitive supply applications.
Output Voltage
The LT3073’s unity-gain operation provides virtually constant output noise, PSRR, bandwidth, and load regulation
independent of the programmed output voltage. Output voltages are digitally selectable in 50mV increments from
0.5V to 1.2V; 100mV increments from 1.2V to 1.8V; and discrete levels at 2V, 2.5V, 3V, 3.3V, and 4.2V.
Three tri-level input pins, VO0, VO1, and VO2, select the output voltage. Table 6 illustrates the three-bit digital word-to-
output voltage relationship resulting from setting these pins high, low, or allowing them to float. An input logic low
state is guaranteed with less than 300mV referenced to GND, and a logic high state is guaranteed with greater than
1.97V. The range between 950mV to 1.15V defines the logic Hi-Z (input floating) state. These pins may be connected
high by strapping them to VBIAS or driving them with digital ports. Pins that float may either float or require logic that
has Hi-Z output capability. This allows the output voltage to be dynamically changed if necessary.
Table 6. VOUT Selection Matrix
0 = Low, Z = Hi-Z (Float), 1 = High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com