Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 18Page - Analog Devices ADP1763 Datasheet HTML 19Page - Analog Devices ADP1763 Datasheet HTML 20Page - Analog Devices ADP1763 Datasheet HTML 21Page - Analog Devices ADP1763 Datasheet HTML 22Page - Analog Devices ADP1763 Datasheet HTML 23Page - Analog Devices ADP1763 Datasheet HTML 24Page - Analog Devices ADP1763 Datasheet HTML 25Page - Analog Devices ADP1763 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
22 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 64. Startup Time
Figure 65. IN Pin Line Transient
Figure 66. BIAS Pin Line Transient
Figure 67. Load Transient
Figure 68. Load Transient
Figure 69. Noise Spectral Density
VBIAS = 2.5V
VIN = 1.2V
VOUT(NOMINAL) = 1V
OUTPUT SETTLING TO 1%
RLOAD = 333.33mΩ
RLOAD = 100Ω
REFERENCE CAPACITANCE (µF)
0.1
1
10
100
0.01
0.1
1
10
100
VOUT = 1V
VIN = 3.8V
ILOAD = 10mA
COUT = 10µF
CREF = 4.7µF
tRISE = tFALL = 1µs
VBIAS STEP FROM 1.3V TO 1.35V
20µs/DIV
IN TRANSIENT
AC-COUPLED
50mV/DIV
OUT TRANSIENT
AC-COUPLED
500µV/DIV
VOUT = 1V
VIN = 1.3V
ILOAD = 10mA
COUT = 10µF
CREF = 4.7µF
tRISE = tFALL = 1µs
VBIAS STEP FROM 3.3V TO 3.8V
20µs/DIV
BIAS TRANSIENT
AC-COUPLED
500mV/DIV
OUT TRANSIENT
AC-COUPLED
1mV/DIV
COUT = 22µF
IOUT STEP FROM 300mA TO 3A
VOUT(NOMINAL) = 1V
VIN = 1.3V
VBIAS = 3.3V
tRISE = tFALL = 100ns
5µs/DIV
IOUT
2A/DIV
VOUT
AC-COUPLED
50mV/DIV
COUT = 10µF
IOUT STEP FROM 300mA TO 3A
VOUT(NOMINAL) = 1V
VIN = 1.3V
VBIAS = 3.3V
tRISE = tFALL = 100ns
5µs/DIV
IOUT
2A/DIV
VOUT
AC-COUPLED
50mV/DIV
VBIAS = 3.3V
ILOAD = 3A
COUT = 22µF
CREF = 4.7µF
IIN = 1.3V
VOUT = 1V
FREQUENCY (Hz)
0.1
1
10
10
100
1k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com