Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 3Page - Analog Devices ADP1763 Datasheet HTML 4Page - Analog Devices ADP1763 Datasheet HTML 5Page - Analog Devices ADP1763 Datasheet HTML 6Page - Analog Devices ADP1763 Datasheet HTML 7Page - Analog Devices ADP1763 Datasheet HTML 8Page - Analog Devices ADP1763 Datasheet HTML 9Page - Analog Devices ADP1763 Datasheet HTML 10Page - Analog Devices ADP1763 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
7 of 37
2
Dropout voltage, VDO, is the minimum input-to-output voltage differential at a specified output current. In
dropout, the output voltage equals VIN – VDO.
3
Operating conditions are limited by maximum junction temperature. The regulated output voltage specification
does not apply to all possible input and output current combinations. When operating at maximum output
current, limit the input voltage range to VIN ≤ VOUT + 600mV.
4
The TEMP output voltage represents the average temperature of the LT3073’s power devices. Due to power
dissipation, temperature gradients, and thermal time constants across the die, the TEMP output voltage
measurement is not guaranteed to precisely track transient power excursions in the power device. The internal
thermal shutdown sensor is designed to keep the LT3073 within its safe operating area.
5
The VIOC buffer outputs a voltage equal to VIN-VOUT+800mV. See the Applications Information section for further
information. The VIOC pin’s source current can be set between 10µA and 200µA. The minimum voltage required
from BIAS to VIOC is 1V.
6
Adding a capacitor at the REF pin decreases output voltage noise. Adding this capacitor bypasses the REF pin
internal resistor’s thermal noise and the reference current’s noise. The output noise then equals the error
amplifier noise. The use of a REF pin bypass capacitor also increases start-up time.
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute maximum ratings
PARAMETER
RATING
IN Pin Voltage 1
-0.3V to 6V
OUT Pin Voltage 1
-0.3V to 6V
SENSE Pin Voltage 1
-0.3V to 6V
BIAS, BIASF Pin Voltage 1
-0.3V to 6V
VO0, VO1, VO2, MARG Pin Voltage 1
-0.3V to 5.5V
EN Pin Voltage 1
-0.3V to 6V
VIOC Pin Voltage 1
-0.3V to 6V
VIOC Pin Current
-1mA to 1mA
IMON Pin Voltage 1
-0.3V to 6V
TEMP Pin Voltage 1
-0.3V to 6V
PG Pin Voltage 1
-0.3V to 6V
REF Pin Voltage 1
-0.3V to 6V
Output Short Circuit Duration
Indefinite
Operating Junction Temperature 2
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
Maximum Reflow (Package Body) Temperature
260°C
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com