Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 3 Page - Analog Devices

  ADP1763 Datasheet HTML 1Page - Analog Devices ADP1763 Datasheet HTML 2Page - Analog Devices ADP1763 Datasheet HTML 3Page - Analog Devices ADP1763 Datasheet HTML 4Page - Analog Devices ADP1763 Datasheet HTML 5Page - Analog Devices ADP1763 Datasheet HTML 6Page - Analog Devices ADP1763 Datasheet HTML 7Page - Analog Devices ADP1763 Datasheet HTML 8Page - Analog Devices ADP1763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
3 of 37
SPECIFICATIONS
Table 1. Electrical Characteristics
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RMON =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
IN Pin Voltage
VIN
5.5
V
BIAS Pin Voltage1
VBIAS
2.375
5.5
V
Regulated Output
Voltage
VOUT
VOUT = 0.5V,
50mA ≤ IOUT ≤ 3A, 0.7V ≤ VIN ≤ 0.9V
0.4925 0.500 0.5075
V
VOUT = 1.2V,
10mA ≤ IOUT ≤ 3A, 1.4V ≤ VIN ≤ 1.6V
1.182 1.200 1.218
VOUT = 3.3V,
10mA ≤ IOUT ≤ 3A, 3.5V ≤ VIN ≤ 3.7V
3.2505 3.300 3.3495
VOUT = 4.2V,
10mA ≤ IOUT ≤ 3A, 4.4V ≤ VIN ≤ 4.6V
4.137 4.200 4.263
Regulated Output
Voltage Margining
MARG = VBIAS
2.2
2.5
2.9
%
MARG = GND
-2.9
-2.5
-2.2
Line Regulation to VIN
∆VOUT =
f(∆VIN)
VOUT = 0. 5V, ΔVIN = 0.7V to 5.5V,
VBIAS = 2.375V, IOUT = 50mA
0.5
mV
VOUT = 4.2V, ΔVIN = 4.4V to 5.5V,
VBIAS = 5.5V, IOUT = 10mA
0.6
Line Regulation to VBIAS
∆VOUT =
f(∆VBIAS)
VOUT = 0.5V, ΔVBIAS = 2.375V to 5.5V,
VIN = 0.7V, IOUT = 50mA
0.25
mV
VOUT = 3.3V, ΔVBIAS = 4.5V to 5.5V,
VIN = 3.5V, IOUT = 10mA
2
Load Regulation 1
∆VOUT =
f(∆IOUT)
ΔIOUT = 50mA to
3A
VBIAS = 2.375V, VIN
= 0.7V, VOUT = 0.5V
0.6
mV
∆IOUT = 10mA to
3A
VBIAS = 2.4V, VIN =
1.4V, VOUT = 1.2V
1.2
VBIAS = 4.5V, VIN =
3.5V, VOUT = 3.3V
3.3
VBIAS = 5.4V, VIN =
4.4V, VOUT = 4.2V
4.2
Dropout Voltage 2
VDO
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT + 1.2V,
IOUT = 1A
TJ = 25°C
15
22
mV
33
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT + 1.2V,
IOUT = 2A
TJ = 25°C
30
44
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com