Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 4 Page - Analog Devices

  ADP1763 Datasheet HTML 1Page - Analog Devices ADP1763 Datasheet HTML 2Page - Analog Devices ADP1763 Datasheet HTML 3Page - Analog Devices ADP1763 Datasheet HTML 4Page - Analog Devices ADP1763 Datasheet HTML 5Page - Analog Devices ADP1763 Datasheet HTML 6Page - Analog Devices ADP1763 Datasheet HTML 7Page - Analog Devices ADP1763 Datasheet HTML 8Page - Analog Devices ADP1763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
4 of 37
(All typical specifications are at TJ (Junction Temperature) = 25°C and all min and max specifications are across
the entire operating temperature range unless otherwise noted. COUT = 22μF, CREF= 4.7μF, CBIASF = 2.2μF, RMON =
0.8kΩ, unless otherwise noted. )
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Dropout Voltage 2
VDO
VIN = VOUT(NOMINAL),
VBIAS ≥ VOUT + 1.2V,
IOUT = 3A
TJ = 25°C
45
65
mV
100
Minimum Load Current
IOUT(MIN)
VOUT ≥ 0.8V
10
mA
VOUT < 0.8V
50
Ground Pin Current
IGND
VBIAS = 5.5V, VIN = 1.5V, VOUT = 1.2V, IOUT
= 10mA
4.3
6.5
mA
VBIAS = 5.5V, VIN = 1.5V, VOUT = 1.2V, IOUT
= 3A
5.2
7
BIAS Pin Current
IBIAS
VIN = 1.4V, VOUT = 1.2V, VBIAS = 3.3V, IOUT
= 10mA
4.3
6.5
mA
VIN = 1.4V, VOUT = 1.2V, VBIAS = 3.3V, IOUT
= 3A
5.8
8
BIAS Pin Current in
Dropout 2
IBIAS_DO
VBIAS = VOUT +1.2V, VIN = VOUT(NOMINAL), IOUT
= 3A
5.4
7.5
mA
VBIAS = 5.5V, VIN = VOUT(NOMINAL), IOUT = 3A
35
50
BIAS Pin Nap Mode
Current
IBIAS_NAP
VBIAS = 5.5V, EN = 0V
10
μA
IN Pin Nap Mode Current
IIN_NAP
VIN = 5.5V, EN = 0V
20
500
μA
IMON Output Current
IOUT = 3A, VIN – VOUT = 0.2V
0.98
1.0
1.03
mA
IOUT = 1A, VIN – VOUT = 0.2V
313.3 333.3 353.3
μA
IOUT/IMON Ratio
IOUT = 3A, VIN – VOUT = 0.2V
2912
3000
3060
IOUT = 1A, VIN – VOUT = 0.2V
2820
3000
3180
IMON Shutdown Current
VBIAS = 5.0V, EN = 0V
1
μA
Programmable Current
Limit 3
ILIM(P)
RMON = 1kΩ
2.93
3.0
3.07
A
RMON = 3kΩ
0.94
1.0
1.06
Internal Current Limit 3
ILIM(I)
VIN = 1.5V, ΔVOUT = -5%, VBIAS = 5.5V
4.5
5.5
A
VOUT Threshold for Power
Good
Percentage of VOUT(NOMINAL), VOUT Rising
91
93
95
%
Percentage of VOUT(NOMINAL), VOUT
Falling
88
90
92
PG VOL
IPG = 200μA (Fault Condition)
60
100
mV
PG VOH Leakage
VPG = VBIAS = 5V
1
μA
Fast Start-Up REF Pin
Current
2
mA
Fast Start-Up Turn Off
Threshold
Measured as percentage of final REF
pin voltage
96
98.8
101.5
%
TEMP Output Scale 4
10
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com