Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 31 Page - Analog Devices

Part # LT3045
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 31 Page - Analog Devices

Back Button LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
31 of 37
of each LT3073 is connected to the common load using a small piece of PC trace as a ballast resistor (≅2mΩ) or an
actual sense resistor beyond the feedback SENSE tap of each regulator. The ballast resistor ensures output current
sharing. Keep this ballast trace area free of solder to maintain a controlled resistance.
Table 8 shows a simple guideline for PCB trace resistance as a function of weight and trace width.
Table 8. PC Board Trace Resistance
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in.
Output Noise
The LT3073 offers many advantages for noise performance. Traditional linear regulators have several sources of
noise. The most critical noise sources for a conventional regulator are its voltage reference, error amplifier, noise
from the resistor divider network used for setting output voltage, and the noise gain created by this resistor divider.
LT3073’s unity-gain follower architecture presents no gain from the REF pin to the output. Therefore, if a capacitor
bypasses the REF pin internal resistor DAC, the output noise is independent of the programmed output voltage. The
resultant output noise is set just by the error amplifier’s noise — typically 3nV/√ from 10kHz to 1MHz and 1.2μVRMS
in a 10Hz to 100kHz bandwidth using a 4.7μF REF pin capacitor. Paralleling multiple LT3073s further reduces noise
by √ for N parallel regulators.
Filtering High Frequency Spikes
For applications where the LT3073 is used to post-regulate a switching converter, its high PSRR effectively
suppresses any “noise” present at the switcher’s switching frequency — typically 100kHz to 4MHz. However, the high
frequency (hundreds of MHz) “spikes” — beyond the LT3073’s bandwidth — associated with the switcher’s power
switch transition times will almost directly pass through the LT3073. While the output capacitor is partly intended to
absorb these spikes, its ESL will limit its ability at these frequencies. A ferrite bead or the inductance associated with
a short (example: 0.5 inch) PCB trace between the switcher’s output and the LT3073’s input can serve as an LC filter
to suppress these very high-frequency spikes.
Fast Start-Up
For ultralow noise applications that require low 1/f noise (i.e., at frequencies below 100Hz), a larger value REF pin
capacitor is required, up to 22μF. While this would normally significantly increase the regulator’s start-up time, the
LT3073 incorporates fast start-up circuitry that increases the REF pin current to about 2mA during start-up. For a
22μF capacitor, this will reduce the start-up time from 100ms to 5ms.
The 2mA current source remains engaged until REF is 98.8% of its final value on the rising edge. It will restart when
REF is below 91% of the output setting on the falling edge unless the regulator is in the current limit, thermal
shutdown or any UVLO situation.
Temperature Monitoring
The TEMP pin outputs a voltage proportional to the average junction temperature. The pin voltage is 250mV for 25°C
and has a slope of 10mV/°C. The TEMP pin is stable with no bypass capacitor or a bypass capacitor with a value
between 100pF and 1nF. A 100pF capacitor is recommended to improve TEMP pin power supply rejection. If not used,
leave TEMP unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com