Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3045
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
11 of 37
15
IMON
Output Current Monitor. The IMON pin sources a current typically equal to IOUT/3000.
Terminating this pin with a resistor to GND produces a voltage proportional to IOUT. For
example, at IOUT = 3A, IMON typically sources 1mA. 0.8V is produced with a 0.8kΩ
resistor to GND. The IMON pin can also be used to set the programmable current limit.
IMON pin’s current limit threshold is 1V.
16
BIASF
Bias Filter Pin. The LT3073 requires a minimum 2.2µF bypass capacitor on this pin.
17
BIAS
Bias Supply. This pin supplies current to the internal control circuitry and the output
stage, driving the pass transistor. This pin doesn’t require any bypass capacitor. To
ensure proper operation, the BIAS voltage must satisfy the following conditions:
2.375V ≤ VBIAS ≤ 5.5V and VBIAS ≥ 1.2 + VOUT.
18
TEMP
Output indicator of average die temperature scaled at 10mV/°C to a reference level of
0.25V at 25°C. The TEMP output is active when the part is enabled.
20, 21,
22,
Exposed
Pad 23
IN
Input Supply. Pins 20-22 and exposed pad 23 of the LQFN package are the electrical
connection to IN. These pins supply power to the high-current pass transistor. Connect
all IN pins for proper performance and solder Pin 23 to the PCB for better thermal
performance. The LT3073 requires a bypass capacitor at IN to maintain stability and
low input impedance over frequency. A 10µF input bypass capacitor suffices for most
battery and power plane impedances. Minimizing input trace inductance optimizes
performance. Applications with low VIN-VOUT differential voltage and large, fast load
transients may require much higher input capacitor to prevent the input supply from
drooping and allow the regulator to enter dropout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com