Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3045
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
10 of 37
Table 5. Pin Descriptions
PIN
NAME
DESCRIPTION
1
EN
Device Enable. EN pin enables/disables the output. Pulling this pin low pulls down the
reference, disables the output transistor, and disables auxiliary functions. Drive the EN
pin with either a digital logic port, or an open-collector NPN or an open-drain NMOS
terminated with a pull-up resistor to VBIAS. The pull-up resistor must be less than 200kΩ
to meet the VIH condition of the EN pin. If unused, connect the EN pin to BIAS.
2, 3, 4
VO0, VO1, VO2
Output Voltage Select. These tri-level pins combine to select a nominal output voltage
from 0.5V to 4.2V. The input logic low threshold is less than 300mV referenced to GND,
and the logic high threshold is greater than 1.97V referenced to GND. The range
between 0.95V and 1.15V defines the logic Hi-Z state. See Table 6 in the Applications
Information section that defines the VOUT versus VO0, VO1, and VO2 settings.
5
PG
Power Good. The PG pin is an open-drain NMOS output that actively pulls low if EN is
low or if any one of these fault modes is detected:
VOUT is less than 93% of VOUT(NOMINAL) on the rising edge of VOUT.
VOUT is less than 90% of VOUT(NOMINAL) on the falling edge of VOUT.
VBIAS is less than its undervoltage lockout threshold.
The OUT-over-IN voltage detector activates.
6
VIOC
Voltage for In-to-Out Control. The LT3073 incorporates a unique tracking feature
(VIOC) to control the upstream switching regulator to maintain a constant voltage
across the LT3073 and minimize power dissipation. See the Applications Information
section for more information on proper control of the upstream switching regulator.
7, 8, 9,
Exposed
Pad 24
OUT
Output. Pins 7-9 and exposed pad 24 of the LQFN package are the electrical
connection to OUT. These pins supply power to the load. Connect all OUT pins for
proper performance and solder Pin 24 to the PCB for better thermal performance. A
minimum output capacitance of 10µF is required for stability. ADI recommends low
ESR, X5R or X7R dielectric ceramic capacitors for best performance. Large load
transient applications require larger output capacitors to limit peak voltage transients.
10
SENSE
Kelvin Sense for OUT. The SENSE pin is the inverting input to the error amplifier.
Optimum regulation is obtained when the SENSE pin is connected to the OUT pins of
the regulator. However, in critical applications, the resistance of PCB traces between
the regulator and the load causes small voltage drops, creating a load regulation error
at the point of load. Connecting the SENSE pin to the load instead of directly to OUT
eliminates this voltage error.
11, 12, 19 GND
Ground. To ensure proper electrical and thermal performance, connect all GND pins of
the package to the PCB ground.
13
REF
Reference Filter. This pin must not be externally loaded. Bypassing the REF pin to GND
with a 4.7µF capacitor decreases output voltage noise and provides a soft-start
function to the reference. ADI recommends the use of a high-quality, low-leakage
capacitor.
14
MARG
Output Voltage Digital Margining. Connecting this pin to GND adjusts the output
voltage by -2.5%. Connecting this pin to VBIAS adjusts the output voltage by +2.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com