Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3045
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
23 of 37
FUNCTIONAL DIAGRAMS
MPWR
IREF
RSNS
RSET
1.26V
0.8V
220kΩ
200kΩ
R
R
–
–
–
–
–
–
–
+
+
+
+
+
+
+
R
R
LT3073
IN
SENSE
REF
OUT
IMON
BIAS
BIASF
GND
EN
VIOC
PG
1V
ERROR
AMPLIFIER
BUFFER
CURRENT
MONITOR
PRECISION
ILIM
INTERNAL
ILIM
BIAS UVLO
PART ENABLE
OUTPUT UNDERVOLTAGE
FAST START
PART
ENABLE
TRI-STATE
DECODING
LOGIC
OUTPUT
SELECTION
OUTPUT
MARGINING
MARG
VO0
VO1
VO2
TEM P
TEMPERATURE
MONITOR
1.97V
0.3V
2.2V
LOGIC-1 STATE
IF VO0, VO1, VO2, MARG > 1.97V
VO0, VO1,VO2
AND MARG PINS
LOGIC-Z STATE
IF 1.15V > VO0, VO1, VO2, MARG
AND 0.95V < VO0, VO1, VO2, MARG
LOGIC-0 STATE
IF VO0, VO1, VO2, MARG < 0.3V
TRI-STATE DECODING LOGIC
IN-OUT+0.8V
IN
OUT-OVER-IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com