Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3045
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
30 of 37
Table 7 lists thermal resistance as a function of the copper area on a fixed board size. All measurements were taken
in still air on a 4-layer FR-4 board with 1oz solid internal planes and 2oz top/bottom planes with a total board
thickness of 1.6mm. The four layers were electrically isolated with no thermal vias present. PCB layers, copper
weight, board layout, and thermal vias affect the thermal resistance result. For more information on thermal
resistance and high thermal conductivity test boards, refer to JEDEC standard JESD51, notably JESD51-7 and
JESD51-12. Achieving low thermal resistance necessitates attention to detail and careful PCB layout.
Table 7. Measured Thermal Resistance of LQFN Package
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(θJA)
TOP SIDE 1
BOTTOM SIDE
2500mm2
2500mm2
2500mm2
33°C/W
1000mm2
2500mm2
2500mm2
34°C/W
225mm2
2500mm2
2500mm2
36°C/W
100mm2
2500mm2
2500mm2
39°C/W
1 Device is mounted on top side
Calculating Junction Temperature
Example: Given an output voltage of 1.2V, input voltage of 1.5V, and BIAS voltage of 5V, output current ranges from
10mA to 3A, and a maximum ambient temperature of 50°C, what is the maximum junction temperature?
The LT3073’s power dissipation is:
������������������������(������������������) × (������������������ − ������������������������) + ������������������������ × ������������������������������
where:
������������������������(������������������) = 3������
������������������������������ = 5������
������������������������(������������ ������������������������ = 3������ ������������������ ������������������������������ = 5������) = 5������������
thus:
������������������������������ = 3������ × (1.5������ − 1.2������) + 5������������ × 5������ = 0.925������
When a 3mm x 4mm 4L LQFN package is used, the thermal resistance is in the range of 33°C/W to 39°C/W. Note that
the θJA numbers will vary beyond the 33°C/W to 39°C/W depending on board composition and layout. Considering a
θJA value of 36°C/W, the junction temperature rise above the ambient approximately equals:
0.925W × 36°C/W = 33.3°C
The maximum junction temperature equals the maximum ambient temperature plus the maximum junction
temperature rise above ambient:
������������������������������ = 50°������ + 33.3°������ = 83.3°������
Paralleling Devices for Higher Output Current
As shown in Figure 75, multiple LT3073s may be paralleled to obtain a higher output current. This paralleling concept
borrows from the scheme employed by the LT3080 product family.
To accomplish this paralleling, connect the IN and OUT pins of the multiple devices together. Also, connect the REF
pins of the multiple devices. This effectively gives an averaged value of multiple reference voltage sources. The OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com