Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 33 Page - Analog Devices

Part # LT3045
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
33 of 37
Figure 76.Regulator with VIOC Buck Control
51kΩ
806Ω
48.7kΩ
6.49kΩ
200kΩ
150kΩ
fSW = 300kHz
C1
220µF
10V
16V
1µF
1µF
0.22µF
10µF
2.2µF
22µF
4.7µF
0.1µF
50V
10µF
50V
x2
0.1µF
L
10µH
VIN
3.4V – 42V, VIN ≥ VOUTLDO + 1.5V
OUT
BIASF
LT3073
VOUTLDO
0.5V – 4.2V
3A Max IOUT
VO2
VO1
VO0
VBIAS
5.5V
IN
EN
VIOC
MARG
GND
SENSE
TEMP
IMON
POWER
GOOD
BIAS
PG
REF
BST
LT8610A
SYNC
RT
VIN
EN/UV
TR/SS
GND
SW
FB
PROGRAM
VOUTLDO
VINLDO(MAX) = 0.97 x (48.7kΩ + 6.49kΩ + 200kΩ)/48.7kΩ = 5.08V
VINLDO - VOUTLDO = 1.1V - 0.8V = 0.3V for all programmed VOUTLDO
VINLDO
INTVCC
PG
BIAS
L: WURTH 74437346100
C1: AVX TCJD227M010R0040
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com