Electronic Components Datasheet Search
  English  ▼

X  

AD9779 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9779
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779 Datasheet(HTML) 4 Page - Analog Devices

  AD9779 Datasheet HTML 1Page - Analog Devices AD9779 Datasheet HTML 2Page - Analog Devices AD9779 Datasheet HTML 3Page - Analog Devices AD9779 Datasheet HTML 4Page - Analog Devices AD9779 Datasheet HTML 5Page - Analog Devices AD9779 Datasheet HTML 6Page - Analog Devices AD9779 Datasheet HTML 7Page - Analog Devices AD9779 Datasheet HTML 8Page - Analog Devices AD9779 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
AD9779
Preliminary Technical Data
Rev. PrD | Page 4 of 34
DIGITAL SPECIFICATIONS
(VDD33 = 3.3 V, VDD18 = 1.8 V, MAXIMUM SAMPLE RATE, UNLESS OTHERWISE NOTED)
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Differential peak-to-peak Voltage
800
mV
Common Mode Voltage
400
mV
DAC CLOCK INPUT
(CLK+, CLK-)
Maximum Clock Rate
1
GSPS
Maximum Clock Rate (SCLK)
40
MHz
Maximum Pulse width high
TBD
ns
SERIAL PERIPHERAL
INTERFACE
Maximum pulse width low
TBD
ns
Table 2: Digital Specifications
AC SPECIFICATIONS
(VDD33 = 3.3 V, VDD18 = 1.8 V, MAXIMUM SAMPLE RATE, UNLESS OTHERWISE NOTED)
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Output Settling Time (tst) (to 0.025%)
TBD
ns
Output Rise Time (10% to 90%)
TBD
ns
Output Fall Time (90% to 10%)
TBD
ns
DYNAMIC
PERFORMANCE
Output Noise (IoutFS=20mA)
TBD
pA/rtHz
fDAC = 100 MSPS, fOUT = 20 MHz
82
dBc
fDAC = 200 MSPS, fOUT = 50 MHz
82
dBc
fDAC = 400 MSPS, fOUT = 70 MHz
84
dBc
SPURIOUS FREE
DYNAMIC RANGE
(SFDR)
fDAC = 800 MSPS, fOUT = 70 MHz
87
dBc
fDAC = 200 MSPS, fOUT = 50 MHz
91
dBc
fDAC = 400 MSPS, fOUT = 60 MHz
88
dBc
fDAC = 400 MSPS, fOUT = 80 MHz
81
dBc
TWO-TONE
INTERMODULATION
DISTORTION (IMD)
fDAC = 800 MSPS, fOUT = 100 MHz
88
dBc
fDAC = 156 MSPS, fOUT = 60 MHz
-158
dBm/Hz
fDAC = 200 MSPS, fOUT = 80 MHz
-157
dBm/Hz
fDAC = 312 MSPS, fOUT = 100 MHz
-159
dBm/Hz
NOISE SPECTRAL
DENSITY (NSD)
fDAC = 400 MSPS, fOUT = 100 MHz
-159
dBm/Hz
fDAC = 245.76 MSPS, fOUT = 20 MHz
80
dBc
fDAC = 491.52 MSPS, fOUT = 100 MHz
79
dBc
WCDMA ADJACENT
CHANNEL LEAKAGE
RATIO (ACLR), SINGLE
CARRIER
fDAC = 491.52 MSPS, fOUT = 200 MHz
74
dBc
fDAC = 245.76 MSPS, fOUT = 60 MHz
78
dBc
fDAC = 491.52 MSPS, fOUT = 100 MHz
80
dBc
WCDMA SECOND
ADJACENT CHANNEL
LEAKAGE RATIO
(ACLR), SINGLE
CARRIER
fDAC = 491.52 MSPS, fOUT = 200 MHz
76
dBc
Table 3: AC Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com