Electronic Components Datasheet Search
  English  ▼

X  

AD9779 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9779
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9779 Datasheet HTML 14Page - Analog Devices AD9779 Datasheet HTML 15Page - Analog Devices AD9779 Datasheet HTML 16Page - Analog Devices AD9779 Datasheet HTML 17Page - Analog Devices AD9779 Datasheet HTML 18Page - Analog Devices AD9779 Datasheet HTML 19Page - Analog Devices AD9779 Datasheet HTML 20Page - Analog Devices AD9779 Datasheet HTML 21Page - Analog Devices AD9779 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
AD9779
Preliminary Technical Data
Rev. PrD | Page 18 of 34
7
Aux DAC1 Sign
0: Positive
1: Negative
0
6
Aux DAC1
Direction
0: Source
1: Sink
0
5
Aux DAC1 Sleep
0: Aux DAC1 on
1: Aux DAC 1 off
0
0D
Auxiliary DAC1
Control and Data
1:0
Aux DAC1 Gain
Adjustment
(9:8) MSB slice of 10 bit gain setting word for Aux DAC1
00
0E
QDAC Gain
7:0
QDAC Gain
Adjustment
(7:0) LSB slice of 10 bit gain setting word for QDAC
11111001
7
QDAC Sleep
0: QDAC on
1: QDAC off
0
6
QDAC Power
Down
0: QDAC on
1: QDAC off
0
0F
QDAC Gain and
Control
1:0
QDAC Gain
Adjustment
(9:8) MSB slice of 10 bit gain setting word for QDAC
01
10
Auxiliary DAC2 Gain
7:0
Aux DAC2 Gain
Adjustment
(7:0) LSB slice of 10 bit gain setting word for Aux DAC2
00000000
7
Aux DAC2 Sign
0: Positive
1: Negative
0
6
Aux DAC2
Direction
0: Source
1: Sink
0
5
Aux DAC2 Sleep
0: Aux DAC1 on
1: Aux DAC 1 off
0
11
Auxiliary DAC2
Control and Data
1:0
Aux DAC2 Gain
Adjustment
(9:8) MSB slice of 10 bit gain setting word for Aux DAC2
00
12
Cross Point Upper
Delay
7:0
Updelay
Value above zero for upper cross delay (bits 7,6, unused)
00000000
13
Cross Point Upper
Delay
7:0
Dndelay
Value below zero for lower cross delay (bits 7,6, unused)
00000000
7:3
Cross Control
Clock Delay
Divide rate of CNTCLK by 2^(3:0), CNTCLK = 1/16 DAC clock rate
00000
14
Wiggle Delay for
Cross Point Control
2:0
Wiggle Delay
Time step in 2^(Wiggle Delay) CNTCLK cycles
000
7
Cross Run
0: Disables Cross Control loop
1: Enables Cross Control loop
0
6
Cross Status (read
only)
0: Control loop is lowering cross point
1: Control loop is raising cross point
0
5
Cross Done (read
only)
0: Control loop is chnaging cross point value
1: Control loop is holding cross point value
0
4:2
Cross Wiggle
(2:0) Number of iterations allowed in control loop
000
15
Cross Point Control
1:0
Cross Step
(1:0) Value to change cross point value per iteration (wiggle)
00
16
Analog Write
7:0
Analog Write
Provides extra writeable control registers for analog circuit
00000000
7:6
Mirror Roll off
Frequency
00
17
Mirror Roll off and
band gap Trim
2:0
Band Gap Trim
Temperature
Characteristic
000
Output stack headroom control
Overdrive (current density) trim (temperature packing)
18
Output Stack
headroom Control
Reference offset from VDD3V (vcas centering)
19
Analog Status
7:0
Analog Status
Provides extra status register for analog circuitry (unused, read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com