Electronic Components Datasheet Search
  English  ▼

X  

AD9779 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9779
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779 Datasheet(HTML) 1 Page - Analog Devices

  AD9779 Datasheet HTML 1Page - Analog Devices AD9779 Datasheet HTML 2Page - Analog Devices AD9779 Datasheet HTML 3Page - Analog Devices AD9779 Datasheet HTML 4Page - Analog Devices AD9779 Datasheet HTML 5Page - Analog Devices AD9779 Datasheet HTML 6Page - Analog Devices AD9779 Datasheet HTML 7Page - Analog Devices AD9779 Datasheet HTML 8Page - Analog Devices AD9779 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
Dual 16-Bit, 1.0 GSPS
D/A Converter
Preliminary Technical Data
AD9779
FEATURES
• 1.8/3.3 V Single Supply Operation
• Low power: 950mW (I
OUTFS
= 20 mA; fDAC = 1 GSPS, 4
×
Interpolation
• DNL = ± 1.5 LSB, INL = ± 5.0 LSB
• SFDR =82 dBc to f
OUT
= 100 MHz
• ACLR = 87 dBc @ 80 MHz IF
• CMOS data interface with Autotracking Input Timing
• Analog Output: Adjustable 10-30mA (RL=25 Ω to 50 Ω)
• 100-lead Exposed Paddle TQFP Package
• Multiple Chip Synchronization Interface
• 84dB Digital Interpolation Filter Stopband Attenuation
• Digital Inverse Sinc Filter
APPLICATIONS
• Wireless Infrastructure
Direct Conversion
Transmit Diversity
• Wideband Communications Systems:
Point-to-Point Wireless, LMDS
PRODUCT DESCRIPTION
The AD9779 is a dual 16-bit high performance, high frequency
DAC that provides a sample rate of 1 GSPS, permitting multi
carrier generation up to its Nyquist frequency. It includes features
optimized for direct conversion transmit applications, including
complex digital modulation and gain and offset compensation. The
DAC outputs are optimized to interface seamlessly with analog
quadrature modulators such as the AD8349. A serial peripheral
interface (SPI) provides for programming many internal
parameters and also enables read-back of status registers. The
output current can be programmed over a range of 10mA to 30mA.
The AD9779 is manufactured on an advanced 0.18µm CMOS
process and operates from 1.8V and 3.3V supplies for a total power
consumption of 950mW. It is supplied in a 100-lead QFP package.
PRODUCT HIGHLIGHTS
Ultra-low noise and Intermodulation Distortion (IMD) enable
high quality synthesis of wideband signals from baseband to high
intermediate frequencies.
Single-ended CMOS interface supports a maximum input rate of
300 MSPS with 1x interpolation.
Manufactured on a CMOS process, the AD9779 uses a proprietary
switching technique that enhances dynamic performance.
The current outputs of the AD9779 can be easily configured for
various single-ended or differential circuit topologies.
FUNCTIONAL BLOCK DIAGRAM
Complex
Modulator
Clock Generation/Distribution
2X
n * Fdac/8
n = 1, 2, 3… 7
P2D[15:0]
IOUT2_P
IOUT2_N
CLK+
CLK-
DATACLK_OUT
2X
2X
2X
2X
2X
Sinc-1
Sinc-1
16-Bit
IDAC
16-Bit
QDAC
Digital Controller
Clock
Multiplier
2X/4X/8X
Gain
Gain
Offset
Offset
Reference
& Bias
10
10
10
10
Power-On
Reset
Serial
Peripheral
Interface
Q Latch
I Latch
Delay Line
Delay Line
Data
Assembler
IOUT1_P
IOUT1_N
VREF
RSET
AUX1_P
AUX1_N
AUX2_P
AUX2_N
P1D[15:0]
SYNC_I
SYNC_O
Figure 1 Functional Block Diagram


Similar Part No. - AD9779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9779 AD-AD9779 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD9779 AD-AD9779 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9779-EBZ1 AD-AD9779-EBZ1 Datasheet
1Mb / 56P
Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779A AD-AD9779A Datasheet
1Mb / 56P
Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A Datasheet
128Kb / 2P
Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
More results

Similar Description - AD9779

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
ADC10D1000QML-SP TI-ADC10D1000QML-SP Datasheet
1Mb / 70P
ADC10D1000QML Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com