Electronic Components Datasheet Search
  English  ▼

X  

AD9779 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9779
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9779 Datasheet HTML 26Page - Analog Devices AD9779 Datasheet HTML 27Page - Analog Devices AD9779 Datasheet HTML 28Page - Analog Devices AD9779 Datasheet HTML 29Page - Analog Devices AD9779 Datasheet HTML 30Page - Analog Devices AD9779 Datasheet HTML 31Page - Analog Devices AD9779 Datasheet HTML 32Page - Analog Devices AD9779 Datasheet HTML 33Page - Analog Devices AD9779 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
AD9779
Preliminary Technical Data
Rev. PrD | Page 34 of 34
ESD CAUTION
ORDERING GUIDE
Table 15: Ordering Guide
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprietary
ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Model
Temperature Range
Description
AD9779BSV
-40
°C to +85°C (Ambient)
100-Lead TQFP, Exposed Paddle
AD9779/PCB
25°C (Ambient)
Evaluation Board
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR05363–0–1/05(PrD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com