Electronic Components Datasheet Search
  English  ▼

X  

AD9779 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9779
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9779 Datasheet HTML 12Page - Analog Devices AD9779 Datasheet HTML 13Page - Analog Devices AD9779 Datasheet HTML 14Page - Analog Devices AD9779 Datasheet HTML 15Page - Analog Devices AD9779 Datasheet HTML 16Page - Analog Devices AD9779 Datasheet HTML 17Page - Analog Devices AD9779 Datasheet HTML 18Page - Analog Devices AD9779 Datasheet HTML 19Page - Analog Devices AD9779 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AD9779
Preliminary Technical Data
Rev. PrD | Page 16 of 34
Register (hex)
Bits
Name
Function
Default
7
SDIO Bidirectional
0: Use SDIO pin as input data only
1: Use SDIO as both input and output data
0
6
LSB/MSB First
0: First bit of serial data is MSB of data byte
1: First bit of serial data is LSB of data byte
0
5
Software RESET
Bit must be written with a 1, then 0 to soft reset SPI register map
0
4
Power Down
Mode
0: All circuitry is active
1: Disable all digital and analog circuitry, only SPI port is active
0
3
Auto Power Down
Enable
0
00
Comm Register
1
PLL LOCK (read
only)
0: PLL is not locked
1: PLL is locked
0
7:6
Filter Interpolation
Rate
00: 1x interpolation
01: 2x interpolation
10: 4x interpolation
11: 8x interpolation
00
5:2
Control Halfband
Filters 1,2,3
See
Table 13 for filter modes
0000
01
Digital Path Filter
Control
0
Zero Stuffing
0: Zero stuffing off
1: Zero stuffing on
0
7
Data Format
0: Signed binary
1: Unsigned binary
0
6
One Port Mode
0: Both input data ports receive data
1: Data port 1 only receives data
0
5
Real Mode
0: Enable Q path for signal processing
1: Disable Q path data (clocks disabled)
0
3
Inverse Sinc
Enable
0: Inverse sinc disabled
1: Inverse sinc disabled
0
2
DATACLK Invert
0: Output DATACLK same phase as internal capture clock
1: Output DATACLK opposite phase as internal capture clock
0
1
IQ Select Invert
0: TxEnable (pin 39) =1, routes input data to I channel
TxEnable (pin 39) =0, routes input data to Q channel
1: TxEnable (pin 39) =1, routes input data to Q channel
TxEnable (pin 39) =0, routes input data to I channel
0
02
General Mode
Control
0
Q First
0: First byte of data is always I data at beginning of transmit
1: First byte of data is always Q data at beginning of transmit
7:6
Data Delay Mode
00: Manual, no error correction
01: Manual, continuous error correction
10: automatic, one pass check
11: automatic, continuous pass check
00
5:3
Data Clock Delay
Data Clock delay control
000
03
Data Clock Delay
2:0
Data Window
Delay
Window delay control
000
7:4
Sync Output Delay
0000
04
Synchronization
Delay
3:0
Sync Window
Delay
0000
7
Sync Enable
0: LVDS and synchronization rceiver logic off
1: LVDS and synchronization rceiver logic on
0
6
Sync Driver Enable
0: LVDS driver off
1: LVDS driver on
0
05
Chip Sync and Data
Delay Control
5:3
DAC Clock Offset
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com