Electronic Components Datasheet Search
  English  ▼

X  

OPA363IDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA363IDBVR Datasheet HTML 2Page - Texas Instruments OPA363IDBVR Datasheet HTML 3Page - Texas Instruments OPA363IDBVR Datasheet HTML 4Page - Texas Instruments OPA363IDBVR Datasheet HTML 5Page - Texas Instruments OPA363IDBVR Datasheet HTML 6Page - Texas Instruments OPA363IDBVR Datasheet HTML 7Page - Texas Instruments OPA363IDBVR Datasheet HTML 8Page - Texas Instruments OPA363IDBVR Datasheet HTML 9Page - Texas Instruments OPA363IDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, RL = 10kΩ, and connected to VS/2, VOUT = VS/2, VCM = VS/2, unless otherwise noted.
120
100
80
60
40
20
0
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
1.5
2.0
+I
SC
–I
SC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1000
100
10
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
3
2
1
0
–1
–2
–3
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
±10 ±20 ±30 ±40 ±50 ±60 ±70 ±80 ±90 ±100
T
A = –40°C
V
S = ±2.5V
V
S = ±1.65V
V
S = ±0.9V
V
S = ±2.5V
V
S = ±1.65V
T
A = +25°C
T
A = +125°C
10k
1k
100
10
1
INPUT OFFSET CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
10k
1k
100
10
1
4
2
0
–2
–4
–6
–8
–10
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
V
CM = +5.1V
V
CM = –0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com