Electronic Components Datasheet Search
  English  ▼

X  

OPA363IDBVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA363IDBVR Datasheet HTML 14Page - Texas Instruments OPA363IDBVR Datasheet HTML 15Page - Texas Instruments OPA363IDBVR Datasheet HTML 16Page - Texas Instruments OPA363IDBVR Datasheet HTML 17Page - Texas Instruments OPA363IDBVR Datasheet HTML 18Page - Texas Instruments OPA363IDBVR Datasheet HTML 19Page - Texas Instruments OPA363IDBVR Datasheet HTML 20Page - Texas Instruments OPA363IDBVR Datasheet HTML 21Page - Texas Instruments OPA363IDBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
OPA2363AIDGSR
ACTIVE
MSOP
DGS
10
2500
None
CU NIPDAU
Level-3-235C-168 HR
OPA2363AIDGST
ACTIVE
MSOP
DGS
10
250
None
CU NIPDAU
Level-3-235C-168 HR
OPA2363IDGSR
ACTIVE
MSOP
DGS
10
2500
None
CU NIPDAU
Level-3-235C-168 HR
OPA2363IDGST
ACTIVE
MSOP
DGS
10
250
None
CU NIPDAU
Level-3-235C-168 HR
OPA2364AID
ACTIVE
SOIC
D
8
100
None
Call TI
Level-3-235C-168 HR
OPA2364AIDGKR
ACTIVE
MSOP
DGK
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
OPA2364AIDGKT
ACTIVE
MSOP
DGK
8
250
None
CU NIPDAU
Level-1-220C-UNLIM
OPA2364AIDR
ACTIVE
SOIC
D
8
2500
None
Call TI
Level-3-235C-168 HR
OPA2364ID
ACTIVE
SOIC
D
8
100
None
Call TI
Level-1-220C-UNLIM
OPA2364IDGKR
ACTIVE
MSOP
DGK
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
OPA2364IDGKT
ACTIVE
MSOP
DGK
8
250
None
CU NIPDAU
Level-1-220C-UNLIM
OPA2364IDR
ACTIVE
SOIC
D
8
2500
None
Call TI
Level-1-220C-UNLIM
OPA363AID
ACTIVE
SOIC
D
8
100
None
Call TI
Level-3-235C-168 HR
OPA363AIDBVR
ACTIVE
SOT-23
DBV
6
3000
None
Call TI
Level-3-250C-168 HR
OPA363AIDBVT
ACTIVE
SOT-23
DBV
6
250
None
Call TI
Level-3-250C-168 HR
OPA363AIDR
ACTIVE
SOIC
D
8
2500
None
Call TI
Level-3-235C-168 HR
OPA363ID
ACTIVE
SOIC
D
8
100
None
Call TI
Level-3-235C-168 HR
OPA363IDBVR
ACTIVE
SOT-23
DBV
6
3000
None
Call TI
Level-3-260C-168 HR
OPA363IDBVT
ACTIVE
SOT-23
DBV
6
250
None
Call TI
Level-3-260C-168 HR
OPA363IDR
ACTIVE
SOIC
D
8
2500
None
Call TI
Level-1-220C-UNLIM
OPA364AID
ACTIVE
SOIC
D
8
100
None
Call TI
Level-3-235C-168 HR
OPA364AIDBVR
ACTIVE
SOT-23
DBV
5
3000
None
CU NIPDAU
Level-3-220C-168 HR
OPA364AIDBVT
ACTIVE
SOT-23
DBV
5
250
None
CU NIPDAU
Level-3-220C-168 HR
OPA364AIDR
ACTIVE
SOIC
D
8
2500
None
Call TI
Level-3-235C-168 HR
OPA364ID
ACTIVE
SOIC
D
8
100
None
Call TI
Level-3-235C-168 HR
OPA364IDBVR
ACTIVE
SOT-23
DBV
5
3000
None
CU NIPDAU
Level-3-250C-168 HR
OPA364IDBVT
ACTIVE
SOT-23
DBV
5
250
None
CU NIPDAU
Level-3-250C-168 HR
OPA364IDR
ACTIVE
SOIC
D
8
2500
None
Call TI
Level-3-235C-168 HR
OPA4364AID
ACTIVE
SOIC
D
14
58
None
CU NIPDAU
Level-1-220C-UNLIM
OPA4364AIDR
ACTIVE
SOIC
D
14
2500
None
CU NIPDAU
Level-1-220C-UNLIM
OPA4364AIPWR
ACTIVE
TSSOP
PW
14
2500
None
CU NIPDAU
Level-3-235C-168 HR
OPA4364AIPWT
ACTIVE
TSSOP
PW
14
250
None
CU NIPDAU
Level-3-235C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
PACKAGE OPTION ADDENDUM
www.ti.com
25-Jan-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com