Electronic Components Datasheet Search
  English  ▼

X  

OPA363IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA363IDBVR Datasheet HTML 4Page - Texas Instruments OPA363IDBVR Datasheet HTML 5Page - Texas Instruments OPA363IDBVR Datasheet HTML 6Page - Texas Instruments OPA363IDBVR Datasheet HTML 7Page - Texas Instruments OPA363IDBVR Datasheet HTML 8Page - Texas Instruments OPA363IDBVR Datasheet HTML 9Page - Texas Instruments OPA363IDBVR Datasheet HTML 10Page - Texas Instruments OPA363IDBVR Datasheet HTML 11Page - Texas Instruments OPA363IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
8
www.ti.com
APPLICATIONS INFORMATION
The OPA363 and OPA364 series op amps are rail-to-rail
operational amplifiers with excellent CMRR, low noise, low
offset, and wide bandwidth on supply voltages as low as
±0.9V. The OPA363 features an additional pin for shutdown/
enable function. These families do not exhibit phase reversal
and are unity-gain stable. Specified over the industrial tem-
perature range of –40
°C to +125°C, the OPA363 and OPA364
families offer precision performance for a wide range of
applications.
RAIL-TO-RAIL INPUT
The OPA363 and OPA364 feature excellent rail-to-rail opera-
tion, with supply voltages as low as
±0.9V. The input com-
mon-mode voltage range of the OPA363 and OPA364 family
extends 100mV beyond supply rails. The unique input topol-
ogy of the OPA363 and OPA364 eliminates the input offset
transition region typical of most rail-to-rail complimentary
stage operational amplifiers, allowing the OPA363 and
OPA364 to provide superior common-mode performance
over the entire common-mode input range, as seen in Figure 1.
This feature prevents degradation of the differential linearity
error and THD when driving A/D converters. A simplified
schematic of the OPA363 and OPA364 is shown in Figure 2.
OPERATING VOLTAGE
The OPA363 and OPA364 series op amp parameters are fully
specified from +1.8V to +5.5V. Single 0.1
µF bypass capaci-
tors should be placed across supply pins and as close to the
part as possible. Supply voltages higher than 5.5V (absolute
maximum) may cause permanent damage to the amplifier.
Many specifications apply from –40
°C to +125°C. Parameters
that vary significantly with operating voltages or temperature
are shown in the Typical Characteristics.
FIGURE 1. OPA363 and OPA364 have Linear Offset Over
Entire Common-Mode Range.
FIGURE 2. Simplified Schematic.
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, RL = 10kΩ, and connected to VS/2, VOUT = VS/2, VCM = VS/2, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
(C
L = 100pF)
250ns/div
LARGE-SIGNAL STEP RESPONSE
(C
L = 100pF)
1
µs/div
Common-Mode Voltage (V)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
Competitors
OPA363 and OPA364
Regulated
Charge Pump
V
OUT = VCC +1.8V
Patent Pending
Very Low Ripple
Topology
I
BIAS
V
CC + 1.8V
I
BIAS
I
BIAS
I
BIAS
V
S
I
BIAS
V
OUT
V
IN–
V
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com