Electronic Components Datasheet Search
  English  ▼

X  

OPA363IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA363IDBVR Datasheet HTML 1Page - Texas Instruments OPA363IDBVR Datasheet HTML 2Page - Texas Instruments OPA363IDBVR Datasheet HTML 3Page - Texas Instruments OPA363IDBVR Datasheet HTML 4Page - Texas Instruments OPA363IDBVR Datasheet HTML 5Page - Texas Instruments OPA363IDBVR Datasheet HTML 6Page - Texas Instruments OPA363IDBVR Datasheet HTML 7Page - Texas Instruments OPA363IDBVR Datasheet HTML 8Page - Texas Instruments OPA363IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
2
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA363I
SOT23-6
DBV
–40
°C to +125°C
A40
OPA363IDBVT
Tape and Reel, 250
"
"""
"
OPA363IDBVR
Tape and Reel, 3000
OPA363I
SO-8
D
–40
°C to +125°C
OPA363
OPA363ID
Rails, 100
"
"""
"
OPA363IDR
Tape and Reel, 2500
OPA2363I
MSOP-10
DGS
–40
°C to +125°C
BHK
OPA2363IDGST
Tape and Reel, 250
"
"""
"
OPA2363IDGSR
Tape and Reel, 2500
OPA364I
SOT23-5
DBV
–40
°C to +125°C
A41
OPA364IDBVT
Tape and Reel, 250
"
"""
"
OPA364IDBVR
Tape and Reel, 3000
OPA364I
SO-8
D
–40
°C to +125°C
OPA364
OPA364ID
Rails, 100
"
"""
"
OPA364IDR
Tape and Reel, 2500
OPA2364I
MSOP-8
DGK
–40
°C to +125°C
BHL
OPA2364IDGKT
Tape and Reel, 250
"
"""
"
OPA2364IDGKR
Tape and Reel, 2500
OPA2364I
SO-8
D
–40
°C to +125°C
OPA2364
OPA2364ID
Rails, 100
"
"""
"
OPA2364IDR
Tape and Reel, 2500
OPA363AI
SOT23-6
DBV
–40
°C to +125°C
A40
OPA363AIDBVT
Tape and Reel, 250
"
"""
"
OPA363AIDBVR
Tape and Reel, 3000
OPA363AI
SO-8
D
–40
°C to +125°C
OPA363A
OPA363AID
Rails, 100
"
"""
"
OPA363AIDR
Tape and Reel, 2500
OPA2363AI
MSOP-10
DGS
–40
°C to +125°C
BHK
OPA2363AIDGST
Tape and Reel, 250
"
"""
"
OPA2363AIDGSR
Tape and Reel, 2500
OPA364AI
SOT23-5
DBV
–40
°C to +125°C
A41
OPA364AIDBVT
Tape and Reel, 250
"
"""
"
OPA364AIDBVR
Tape and Reel, 3000
OPA364AI
SO-8
D
–40
°C to +125°C
OPA364A
OPA364AID
Rails, 100
"
"""
"
OPA364AIDR
Tape and Reel, 2500
OPA2364AI
SO-8
D
–40
°C to +125°C
OPA2634A
OPA2364AID
Rails, 100
"
"""
"
OPA2364AIDR
Tape and Reel, 2500
OPA2364AI
MSOP-8
DGK
–40
°C to +125°C
BHL
OPA2364AIDGKT
Tape and Reel, 250
"
"""
"
OPA2364AIDGKR
Tape and Reel, 2500
OPA4364AI
SO-14
D
–40
°C to +125°C
OPA4364A
OPA4364AID
Rails, 58
"
"""
"
OPA4364AIDR
Tape and Reel, 2500
OPA4364AI
TSSOP-14
PW
–40
°C to +125°C
OPA4364A
OPA4364AIPWT
Tape and Reel, 250
"
"""
"
OPA4364AIPWR
Tape and Reel, 2500
NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage ................................................................................. +5.5V
Signal Input Terminals, Voltage(2) ........................... –0.5V to (V+) + 0.5V
Current(2) ..................................................
±10mA
Enable Input ............................................................... (V–) – 0.5V to 5.5V
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –40
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those specified is
not implied. (2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less. (3) Short-circuit to ground one amplifier
per package.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com