Electronic Components Datasheet Search
  English  ▼

X  

OPA363IDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA363IDBVR Datasheet HTML 3Page - Texas Instruments OPA363IDBVR Datasheet HTML 4Page - Texas Instruments OPA363IDBVR Datasheet HTML 5Page - Texas Instruments OPA363IDBVR Datasheet HTML 6Page - Texas Instruments OPA363IDBVR Datasheet HTML 7Page - Texas Instruments OPA363IDBVR Datasheet HTML 8Page - Texas Instruments OPA363IDBVR Datasheet HTML 9Page - Texas Instruments OPA363IDBVR Datasheet HTML 10Page - Texas Instruments OPA363IDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
7
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, RL = 10kΩ, and connected to VS/2, VOUT = VS/2, VCM = VS/2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
Load Capacitance (pF)
100
G = +1
1k
60
50
40
30
20
10
0
G = +10
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
110
0.01%
100
100
10
1
0.1
0.1%
OFFSET DRIFT DISTRIBUTION
Offset Voltage Drift (
µV/°C)
0
20
15
10
5
0
1234
5
6
78
9
> 10
OUTPUT ENABLE CHARACTERISTIC
(V
S = 5V, VOUT = 20kHz Sinusoid)
50
µs/div
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
16
14
12
10
8
6
4
2
0
Typical Production
Distribution of
Packaged Units
OPA36xAI
0
1.0
2.0
2.5
–2.5
–2.0
–1.0
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
10
10k
100k
1M
100
1k
10M
130
120
110
100
90
80
70
60
50
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com