Electronic Components Datasheet Search
  English  ▼

X  

OPA363IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA363IDBVR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA363IDBVR Datasheet HTML 7Page - Texas Instruments OPA363IDBVR Datasheet HTML 8Page - Texas Instruments OPA363IDBVR Datasheet HTML 9Page - Texas Instruments OPA363IDBVR Datasheet HTML 10Page - Texas Instruments OPA363IDBVR Datasheet HTML 11Page - Texas Instruments OPA363IDBVR Datasheet HTML 12Page - Texas Instruments OPA363IDBVR Datasheet HTML 13Page - Texas Instruments OPA363IDBVR Datasheet HTML 14Page - Texas Instruments OPA363IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
OPA363, 2363, 364, 2364, 4364
SBOS259B
11
www.ti.com
ACTIVE FILTERING
Low harmonic distortion and noise specifications plus high
gain and slew rate make the OPA363 and OPA364 optimal
candidates for active filtering. Figure 11 shows the OPA2363
configured as a low-distortion, 3rd-order GIC (General Immit-
tance Converter) filter. Figure 12 shows the implementation
of a Sallen-Key, 3-pole, low-pass Bessel filter.
FIGURE 11. The OPA2363 as a 3rd-Order, 40kHz, Low-Pass GIC Filter.
FIGURE 10. Microphone Preamplifier.
FIGURE 12. The OPA363 or OPA364 Configured as a 3-Pole, 20kHz, Sallen-Key Filter.
R
11
3.92k
Ω
R
12
3.92k
Ω
C
13
1000pF
R
14
3.48k
Ω
C
15
1000pF
V
OUT
V
IN
R
1
3.92k
Ω
R
3
1.33k
Ω
C
4
1000pF
1/2
OPA2363
1/2
OPA2363
3
2
1
6
5
7
2
3
6
OPA363
3.3V
49k
Ω
V
OUT
OPAx363
OPAx364
Clean 3.3V Supply
1
µF
4k
Ω
6k
Ω
Electret
Microphone
5k
Ω
V
OUT
V
IN = 1Vrms
OPA363
150k
Ω
19.5k
Ω
220pF
1.8k
Ω
3.3nF
47pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com