Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7993
Description  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7993 Datasheet HTML 14Page - Analog Devices AD7993 Datasheet HTML 15Page - Analog Devices AD7993 Datasheet HTML 16Page - Analog Devices AD7993 Datasheet HTML 17Page - Analog Devices AD7993 Datasheet HTML 18Page - Analog Devices AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 18 of 32
INTERNAL REGISTER STRUCTURE
The AD7993/AD7994 contain 17 internal registers (see
Figure 25) that are used to store conversion results, high and
low conversion limits, and information to configure and control
the device. Sixteen are data registers and one is an address
pointer register.
Each data register has an address that the address pointer
register points to when communicating with it. The conversion
result register is the only data register that is read only.
CONFIGURATION
REGISTER
ADDRESS
POINTER
REGISTER
SERIAL BUS INTERFACE
SDA
SCL
D
A
T
A
DATALOW
REGISTER CH2
DATAHIGH
REGISTER CH2
DATALOW
REGISTER CH1
HYSTERESIS
REGISTER CH1
DATAHIGH
REGISTER CH1
CYCLE TIMER
REGISTER
ALERT STATUS
REGISTER
CONVERSION
RESULT REGISTER
HYSTERESIS
REGISTER CH2
DATAHIGH
REGISTER CH3
DATALOW
REGISTER CH3
HYSTERESIS
REGISTER CH3
DATAHIGH
REGISTER CH4
DATALOW
REGISTER CH4
HYSTERESIS
REGISTER CH4
Figure 25. AD7993/AD7994 Register Structure
ADDRESS POINTER REGISTER
Because it is the register to which the first data byte of every
write operation is written automatically, the address pointer
register does not have and does not require an address. The
address pointer register is an 8-bit register in which the 4 LSBs
are used as pointer bits to store an address that points to one of
the AD7993/AD7994’s data registers. The 4 MSBs are used as
command bits when operating in Mode 2 (see the Modes of
Operation section). The first byte following each write address
is the address of one of the data registers, which is stored in the
address pointer register and selects the data register to which
subsequent data bytes are written. Only the 4 LSBs of this
register are used to select a data register. On power-up, the
address pointer register contains all 0s, pointing to the
conversion result register.
Table 7. Address Pointer Register
C4
C3
C2
C1
P3
P2
P1
P0
0
0
0
0
Register Select
Table 8. AD7993/AD7994 Register Addresses
P3
P2
P1
P0
Registers
0
0
0
0
Conversion Result Register (Read)
0
0
0
1
Alert Status Register (Read/Write)
0
0
1
0
Configuration Register (Read/Write)
0
0
1
1
Cycle Timer Register (Read/Write)
0
1
0
0
DATALOW Reg CH1 (Read/Write)
0
1
0
1
DATAHIGH Reg CH1 (Read/Write)
0
1
1
0
Hysteresis Reg CH1 (Read/Write)
0
1
1
1
DATALOW Reg CH2 (Read/Write)
1
0
0
0
DATAHIGH Reg CH2 (Read/Write)
1
0
0
1
Hysteresis Reg CH2 (Read/Write)
1
0
1
0
DATALOW Reg CH3 (Read/Write)
1
0
1
1
DATAHIGH Reg CH3 (Read/Write)
1
1
0
0
Hysteresis Reg CH3 (Read/Write)
1
1
0
1
DATALOW Reg CH4 (Read/Write)
1
1
1
0
DATAHIGH Reg CH4 (Read/Write)
1
1
1
1
Hysteresis Reg CH4 (Read/Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com