| Electronic Components Datasheet Search |
|
AD7993 Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7993 Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 32 page ![]() AD7993/AD7994 Rev. 0 | Page 24 of 32 WRITING TO THE AD7993/AD7994 Depending on the register being written to, there are three different writes for the AD7993/AD7994. WRITING TO THE ADDRESS POINTER REGISTER FOR A SUBSEQUENT READ In order to read from a particular register, the address pointer register must first contain the address of that register. If it does not, the correct address must be written to the address pointer register by performing a single-byte write operation, as shown in Figure 26. The write operation consists of the serial bus address followed by the address pointer byte. No data is written to any of the data registers. A read operation may be subsequently performed to read the register of interest. WRITING A SINGLE BYTE OF DATA TO THE ALERT STATUS REGISTER OR CYCLE REGISTER The alert status register, configuration register and the cycle register are 8-bit registers, so only one byte of data can be written to each. Writing a single byte of data to one of these registers consists of the serial bus write address, the chosen data register address written to the address pointer register, followed by the data byte written to the selected data register. See Figure 27. WRITING TWO BYTES OF DATA TO A LIMIT OR HYSTERESIS REGISTER Each of the four limit registers are 16-bit registers, so two bytes of data are required to write a value to any one of them. Writing two bytes of data to one of these registers consists of the serial bus write address, the chosen limit register address written to the address pointer register, followed by two data bytes written to the selected data register. See Figure 28. If the master is write addressing the AD7993/AD7994, it can write to more than one register. After the first write operation has completed for the first data register in the next byte, the master writes to the address pointer byte to select the next data register for a write operation. This eliminates the need to readdress the device in order to write to another data register. SDA START BY MASTER ACK. BY AD7993/AD7994 ACK. BY AD7993/AD7994 STOP BY MASTER FRAME 1 SERIAL BUS ADDRESS BYTE FRAME 2 ADDRESS POINTER REGISTER BYTE 19 1 9 C4 C3 C2 P2 P1 P0 A0 A1 A2 A3 0 0 SCL 1 C1 P3 R/W Figure 26. Writing to the Address Pointer Register to Select a Register for a Subsequent Read Operation SDA ACK. BY AD7993/AD7994 11 9 9 C4 C3 C2 P2 P1 P0 R/W A0 A1 A2 A3 0 0 SCL 1 C1 P3 91 9 D7 D6 D5 D2 D1 D0 D4 D3 FRAME 3 DATA BYTE SCL (CONTINUED) SDA (CONTINUED) START BY MASTER ACK. BY AD7993/AD7994 ACK. BY AD7993/AD7994 STOP BY MASTER FRAME 1 SERIAL BUS ADDRESS BYTE FRAME 2 ADDRESS POINTER REGISTER BYTE Figure 27. Single-Byte Write Sequence |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |