Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7993
Description  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices AD7993 Datasheet HTML 28Page - Analog Devices AD7993 Datasheet HTML 29Page - Analog Devices AD7993 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 26 of 32
READING DATA FROM THE AD7993/AD7994
Reading data from the AD7993/AD7994 is a 1-byte or 2-byte
operation. Reading back the contents of the alert status register
or the cycle timer register is a single-byte read operation, as
shown in Figure 29. This assumes the particular register address
has previously been set up by a single-byte write operation to
the address pointer register, as shown in Figure 26. Once the
register address has been set up, any number of reads can be
performed from that particular register without having to write
to the address pointer register again. If a read from a different
register is required, the relevant register address has to be
written to the address pointer register, and again, any number of
reads from this register may then be performed.
Reading data from the configuration register, conversion result
register, DATAHIGH registers, DATALOW registers, or hysteresis
registers is a 2-byte operation, as shown in Figure 30. The same
rules apply for a 2-byte read as a 1-byte read.
When reading data back from a register on the AD7993 or the
AD7994, for example the conversion result register, if more than
two read bytes are supplied, the same or new data is read from
the AD7993/AD7994 without the need to readdress the device.
This allows the master to continuously read from a data register
without having to readdress the AD7993/AD7994.
SDA
11
99
D7
D6
D5
D2
D1
D0
R/W
A0
A1
A2
A3
0
1
SCL
D4
D3
0
START BY
MASTER
ACK. BY
AD7993/AD7994
NO ACK. BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
SINGLE DATA BYTE FROM AD7993/AD7994
Figure 29. Reading a Single Byte of Data from a Selected Register
SDA
11
9
9
ALERT
FLAG
ZERO
D10
D9
D8
A0
A1
A2
A3
0
0
SCL
1
D11
1
D7
D6
D5
D2
D1/0
D0/0
D4
D3
SCL (CONTINUED)
SDA (CONTINUED)
CHID1 CHID0
R/W
9
START BY
MASTER
ACK. BY
AD7993/AD7994
NO ACK. BY
MASTER
ACK. BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM
AD7993/AD7994
FRAME 2
MOST SIGNIFICANT DATA BYTE FROM
AD7993/AD7994
Figure 30. Reading Two Bytes of Data from the Conversion Result Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com