Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7993
Description  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7993 Datasheet HTML 15Page - Analog Devices AD7993 Datasheet HTML 16Page - Analog Devices AD7993 Datasheet HTML 17Page - Analog Devices AD7993 Datasheet HTML 18Page - Analog Devices AD7993 Datasheet HTML 19Page - Analog Devices AD7993 Datasheet HTML 20Page - Analog Devices AD7993 Datasheet HTML 21Page - Analog Devices AD7993 Datasheet HTML 22Page - Analog Devices AD7993 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 19 of 32
CONFIGURATION REGISTER
The configuration register is an 8-bit read/write register that is used to set the operating modes of the AD7993/AD7994. The bit functions
are outlined in Table 9. A single-byte write is necessary when writing to the configuration register.
Table 9. Configuration Register Bit Function Descriptions and Default Settings at Power-Up
D7
D6
D5
D4
D3
D2
D1
D0
CH4
CH3
CH2
CH1
FLTR
ALERT EN
BUSY/ALERT
ALERT/BUSY POLARITY
0
0
0
0
1
0
0
0
Table 10. Bit Function Descriptions
Bit
Mnemonic
Comment
D7 to D4
CH4 to CH1
These 4-channel address bits select the analog input channel(s) to be converted. A 1 in any of Bits D7 to D4
selects a channel for conversion. If more than one channel bit is set to 1, the AD7993/AD7994 sequence
through the selected channels, starting with the lowest channel. All unused channels should be set to 0.
Table 11 shows how these 4-channel address bits are decoded. Prior to initiating a conversion, the channel(s)
must be selected in the configuration register.
D3
FLTR
The value written to this bit of the control register determines whether the filtering on SDA and SCL is
enabled or is to be bypassed. If this bit is a 1, then the filtering is enabled; if it is a 0, the filtering is bypassed.
D2
ALERT EN
The hardware ALERT function is enabled if this bit is set to 1 and disabled if this bit is set to 0. This bit is used
in conjunction with the BUSY/ALERT bit to determine if the ALERT/BUSY pin act as an ALERT or a BUSY output
(see Table 12).
D1
BUSY/ALERT
This bit is used in conjunction with the ALERT EN bit to determine if the ALERT/BUSY output, Pin 13, acts as an
ALERT or BUSY output (see Table 12), and if Pin 13 is configured as an ALERT output pin, if it is to be reset.
D0
BUSY/ALERT
POLARITY
This bit determines the active polarity of the ALERT/BUSY pin regardless of whether it is configured as an
ALERT or BUSY output. It is active low if this bit is set to 0, and active high if it is set to 1.
Table 11. Channel Selection
D7
D6
D5
D4
Analog Input Channel
Comments
0
0
0
0
No channel selected; see address pointer byte, Mode 2.
0
0
0
1
Convert on VIN1.
0
0
1
0
Convert on VIN2.
0
0
1
1
Sequence between VIN1 and VIN2.
0
1
0
0
Convert on VIN3.
0
1
0
1
Sequence between VIN1 and VIN3.
0
1
1
0
Sequence between VIN2 and VIN3.
0
1
1
1
Sequence between VIN1, VIN2, and VIN3.
1
0
0
0
Convert on VIN4.
1
0
0
1
Sequence between VIN1 and VIN4.
1
0
1
0
Sequence between VIN2 and VIN4.
1
0
1
1
Sequence between VIN1, VIN2, and VIN4.
1
1
0
0
Sequence between VIN3 and VIN4.
1
1
0
1
Sequence between VIN1, VIN3, and VIN4.
1
1
1
0
Sequence between VIN2, VIN3, and VIN4.
1
1
1
1
Sequence between VIN1, VIN2, VIN3, and VIN4.
The AD7993/AD7994 convert on the selected channel in
the sequence in ascending order, starting with the
lowest channel in the sequence.
Table 12. Alert/Busy Function
D2
D1
ALERT/BUSY Pin Configuration
0
0
Pin does not provide any interrupt signal.
0
1
Pin configured as a busy output.
1
0
Pin configured as an alert output.
1
1
Resets the ALERT output pin, the Alert_Flag bit in the conversion result register, and the entire alert status register
(if any is active). If 1/1 is written to Bits D2/D1 in the configuration register to reset the ALERT pin, the Alert_Flag bit,
and the alert status register, the contents of the configuration register read 1/0 for D2/D1, respectively, if read back.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com