Electronic Components Datasheet Search
  English  ▼

X  

AD7993 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7993
Description  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7993 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7993 Datasheet HTML 23Page - Analog Devices AD7993 Datasheet HTML 24Page - Analog Devices AD7993 Datasheet HTML 25Page - Analog Devices AD7993 Datasheet HTML 26Page - Analog Devices AD7993 Datasheet HTML 27Page - Analog Devices AD7993 Datasheet HTML 28Page - Analog Devices AD7993 Datasheet HTML 29Page - Analog Devices AD7993 Datasheet HTML 30Page - Analog Devices AD7993 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 27 of 32
ALERT/BUSY PIN
The ALERT/BUSY pin may be configured as an alert output or
busy output, as shown in Table 12.
SMBus ALERT
The AD7993/AD7994 alert output is an SMBus interrupt line
for devices that want to trade their ability to master for an extra
pin. The AD7993/AD7994 is a slave-only device and uses the
SMBus alert to signal the host device that it wants to talk. The
SMBus alert on the AD7993/AD7994 is used as an out-of-
conversion range indicator (a limit violation indicator).
The ALERT pin has an open-drain configuration that allows
the alert outputs of several AD7993/AD7994s to be wired-
AND’ed together when the ALERT pin is active low. D0 of the
configuration register is used to set the active polarity of the
ALERT output. The power-up default is active low. The ALERT
function can be enabled or disabled by setting D2 of the
configuration register to 1 or 0, respectively.
The host device can process the ALERT interrupt and
simultaneously access all SMBus ALERT devices through the
alert response address. Only the device that pulled the ALERT
low acknowledges the ARA (alert response address). If more
than one device pulls the ALERT pin low, the highest priority
(lowest address) device wins communication rights via standard
I2C arbitration during the slave address transfer.
The ALERT output becomes active when the value in the
conversion result register exceeds the value in the DATAHIGH
register or falls below the value in the DATALOW register. It is
reset when a write operation to the configuration register sets
D1 and D0 to a 1, or when the conversion result returns N LSB
below or above the value stored in the DATAHIGH register or
DATALOW register, respectively. N is the value in the hysteresis
register (see the Limit Registers section).
The ALERT output requires an external pull-up resistor that
can be connected to a voltage different from VDD provided the
maximum voltage rating of the ALERT output pin is not
exceeded. The value of the pull-up resistor depends on the
application, but should be as large as possible to avoid excessive
sink currents at the ALERT output.
BUSY
When the ALERT/BUSY pin is configured as a BUSY output,
the pin is used to indicate when a conversion is taking place.
The polarity of the BUSY pin is programmed through bit D0 in
the configuration register.
PLACING THE AD7993-1/AD7994-1 INTO HIGH
SPEED MODE
High speed mode communication commences after the master
addresses all devices connected to the bus with the master code,
00001XXX, to indicate that a high speed mode transfer is to
begin. No device connected to the bus is allowed to acknowl-
edge the high speed master code; therefore, the code is followed
by a not acknowledge (see Figure 31). The master must then
issue a repeated start followed by the device address with a R/W
bit. The selected device then acknowledges its address.
All devices continue to operate in high speed mode until the
master issues a stop condition. When the stop condition is
issued, the devices all return to fast mode.
THE ADDRESS SELECT (AS) PIN
The address select pin on the AD7993/AD7994 is used to set
the I2C address for the AD7993/AD7994 device. The AS pin
can be tied to VDD, to AGND, or left floating. The selection
should be made as close as possible to the AS pin; avoid having
long tracks introducing extra capacitance on the pin. This is
important for the float selection, because the AS pin has to
charge to a midpoint after the start bit during the first address
byte. Extra capacitance on the AS pin increases the time taken
to charge to the midpoint and may cause an incorrect decision
on the device address. When the AS pin is left floating, the
AD7993/AD7994 can work with a capacitive load up to 40 pF.
SDA
ACK. BY
AD7993/AD7994
START BY
MASTER
HS MODE MASTER CODE
SERIAL BUS ADDRESS BYTE
NACK
19
1
9
0
1
A2
A1
A0
X
X
1
0
0
0
SCL
0
0
A3
X
Sr
FAST MODE
HIGH SPEED MODE
Figure 31. Placing the Part into High Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com