Electronic Components Datasheet Search
  English  ▼

X  

AD8230 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8230
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8230 Datasheet HTML 3Page - Analog Devices AD8230 Datasheet HTML 4Page - Analog Devices AD8230 Datasheet HTML 5Page - Analog Devices AD8230 Datasheet HTML 6Page - Analog Devices AD8230 Datasheet HTML 7Page - Analog Devices AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices AD8230 Datasheet HTML 10Page - Analog Devices AD8230 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8230
Rev. 0 | Page 7 of 16
VREF (V)
–40
–30
–20
–10
0
10
20
30
40
–0.5
0
–1.5
–1.0
0.5
1.0
1.5
NORMALIZED FOR VREF = 0V
Figure 10. Offset Voltage (RTI) vs. Reference Voltage
FREQUENCY (Hz)
60
70
80
90
100
110
120
130
10
100
1k
10k
CMR WITH NO SOURCE IMBALANCE
CMR WITH 1k SOURCE IMBALANCE
40
50
Figure 11. Common-Mode Rejection vs. Frequency
SOURCE IMPEDANCE (k
Ω)
110
112
114
116
118
120
122
124
126
128
130
46
02
8
10
12
±5V SUPPLY
±8V SUPPLY
Figure 12. Common-Mode Rejection vs.
Source Impedance, 1.1 µF Across Input Pins
TEMPERATURE (
°C)
5.4k
5.6k
5.8k
6.0k
6.2k
6.4k
6.6k
6.8k
–50
–30
–10
10
30
50
70
90
110
130
±8V
±5V
Figure 13. Clock Frequency vs. Temperature
COMMON-MODE VOLTAGE (V)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–2
0
–6
–4
246
–40
°C
+25
°C
+85
°C
0
°C
+125
°C
Figure 14. Average Input Bias Current vs. Common-Mode Voltage
−40°C, +25°C, +85°C, +125°C
TEMPERATURE (
°C)
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0
–50
50
100
150
±8V
±5V
Figure 15. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com