Electronic Components Datasheet Search
  English  ▼

X  

AD8230 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8230
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 1 Page - Analog Devices

  AD8230 Datasheet HTML 1Page - Analog Devices AD8230 Datasheet HTML 2Page - Analog Devices AD8230 Datasheet HTML 3Page - Analog Devices AD8230 Datasheet HTML 4Page - Analog Devices AD8230 Datasheet HTML 5Page - Analog Devices AD8230 Datasheet HTML 6Page - Analog Devices AD8230 Datasheet HTML 7Page - Analog Devices AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V Rail-to-Rail, Zero-Drift,
Precision Instrumentation Amplifier
AD8230
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Resistor programmable gain range: 101 to 1000
Supply voltage range: ±4 V to ±8 V, +8 V to +16 V
Rail-to-rail input and output
Maintains performance over −40°C to +125°C
EXCELLENT AC AND DC PERFORMANCE
110 dB minimum CMR @ 60 Hz, G = 10 to 1000
10 µV max offset voltage (RTI, ±5 V)
50 nV/°C max offset drift
20 ppm max gain nonlinearity
APPLICATIONS
Pressure measurements
Temperature measurements
Strain measurements
Automotive diagnostics
GENERAL DESCRIPTION
The AD8230 is a low drift, differential sampling, precision
instrumentation amplifier. Auto-zeroing reduces offset voltage
drift to less than 50 nV/°C. The AD8230 is well-suited for
thermocouple and bridge transducer applications. The
AD8230’s high CMR of 110 dB (min) rejects line noise in
measurements where the sensor is far from the instrumentation.
The 16 V rail-to-rail, common-mode input range is useful for
noisy environments where ground potentials vary by several
volts. Low frequency noise is kept to a minimal 3 µV p-p
making the AD8230 perfect for applications requiring the
utmost dc precision. Moreover, the AD8230 maintains its high
performance over the extended industrial temperature range of
−40°C to +125°C.
Two external resistors are used to program the gain. By using
matched external resistors, the gain stability of the AD8230 is
much higher than instrumentation amplifiers that use a single
resistor to set the gain. In addition to allowing users to program
the gain between 101 and 1000, users may adjust the output
offset voltage.
TEMPERATURE (
°C)
150
–50
–30
–10
10
30
50
70
90
110
130
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 1. Relative Offset Voltage vs. Temperature
2
6
1
7
5
8
4
3
AD8230
VOUT
–5V
+5V
TYPE K THERMOCOUPLE
0.1
µF
284
Ω
34.8k
Ω
0.1
µF
Figure 2. Thermocouple Measurement
The AD8230 is versatile yet simple to use. Its auto-zeroing
topology significantly minimizes the input and output
transients typical of commutating or chopper instrumentation
amplifiers. The AD8230 operates on ±4 V to ±8 V (+8 V to +16 V)
supplies and is available in an 8-lead SOIC.
1 The AD8230 can be programmed for a gain as low as 2, but the maximum
input voltage is limited to approximately 750 mV.


Similar Part No. - AD8230

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230-EVAL AD-AD8230-EVAL Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230YRZ-REEL1 AD-AD8230YRZ-REEL1 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230YRZ-REEL71 AD-AD8230YRZ-REEL71 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230YRZ1 AD-AD8230YRZ1 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results

Similar Description - AD8230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237 Datasheet
648Kb / 28P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com