Electronic Components Datasheet Search
  English  ▼

X  

AD8230 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8230
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices AD8230 Datasheet HTML 10Page - Analog Devices AD8230 Datasheet HTML 11Page - Analog Devices AD8230 Datasheet HTML 12Page - Analog Devices AD8230 Datasheet HTML 13Page - Analog Devices AD8230 Datasheet HTML 14Page - Analog Devices AD8230 Datasheet HTML 15Page - Analog Devices AD8230 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8230
Rev. 0 | Page 12 of 16
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
10
µF
10
µF
–VS
+VS
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
8
7
6
5
1
2
3
4
–VS
+VS
AD8230
0.1
µF
0.1
µF
10
µF
10
µF
STAR +VS
STAR –VS
Figure 33. Use Star Nodes for +VS and −VS or Use Thick Traces and Decouple Frequently Along the Supply Lines
LAYOUT
The AD8230 has two reference pins: VREF1 and VREF2. VREF1
draws current to set the internal voltage references. In
contrast, VREF2 does not draw current. It sets the common
mode of the output signal. As such, VREF1 and VREF2 should
be star-connected to ground (or to a reference voltage). In
addition, to maximize CMR, the trace between VREF2 and the
gain resistor, RG, should be kept short.
APPLICATIONS
2
6
1
7
5
8
4
3
AD8230
VOUT
–VS
+VS
0.1
µF
200
Ω
19.1k
Ω
TYPE J
THERMOCOUPLE
–VS
+VS
1
µF
BAV199
–VS
+VS
1nF
1nF
4.99k
Ω
4.99k
Ω
100M
Ω
100M
Ω
BAV199
–VS
+VS
0.1
µF
Figure 34. Type J Thermocouple with Overvoltage Protection and RFI Filter
The AD8230 may be used in thermocouple applications, as
shown in Figure 2 and Figure 34. Figure 34 is an example of
such a circuit for use in an industrial environment. It has
voltage overload protection (see the Input Protection section
for more information) and an RFI filter in front. The matched
100 MΩ resistors serve to provide input bias current to the
input transistors and also serve as an indicator as to when the
thermocouple connection is broken. Well-matched 1% 4.99 kΩ
resistors are used in the RFI filter. It is good practice to match
the source impedances to ensure high CMR. The circuit is
configured for a gain of 193, which provides an overall
temperature sensitivity of 10 mV/°C.
2
6
1
7
5
8
4
3
AD8230
VOUT
–VS
+VS
0.1
µF
1k
Ω
102k
Ω
350
Ω
350
Ω
350
Ω
350
Ω
+VS
–VS
4k
Ω
1
µF
0.1
µF
Figure 35. Bridge Measurement with Filtered Output
Measuring load cells in industrial environments can be a
challenge. Often, the load cell is located some distance away
from the instrumentation amplifier. The common-mode
potential can be several volts, exceeding the common-mode
input range of many 5 V auto-zero instrumentation amplifiers.
Fortunately, the AD8230’s wide common-mode input voltage
range spans 16 V, relieving designers of having to worry about
the common-mode range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com