Electronic Components Datasheet Search
  English  ▼

X  

AD8230 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8230
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8230 Datasheet HTML 5Page - Analog Devices AD8230 Datasheet HTML 6Page - Analog Devices AD8230 Datasheet HTML 7Page - Analog Devices AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices AD8230 Datasheet HTML 10Page - Analog Devices AD8230 Datasheet HTML 11Page - Analog Devices AD8230 Datasheet HTML 12Page - Analog Devices AD8230 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8230
Rev. 0 | Page 9 of 16
FREQUENCY (Hz)
100k
1
10
100
1k
10k
0.35
0.30
0.20
0.25
0.15
0.10
0.05
0
Figure 22. Voltage Noise Spectral Density
TEMPERATURE (
°C)
2.50
2.70
2.90
3.10
3.30
3.50
3.70
3.90
–50
–30
–10
10
30
50
70
90
110
130
2
µV/DIV
1s/DIV
Figure 23. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 100)
FREQUENCY (kHz)
0
20
40
60
80
100
120
140
0.1
1
10
G = +1000
G = +10
160
G = +100
G = +2
Figure 24. Positive PSR vs. Frequency, RTI
FREQUENCY (kHz)
0
20
40
60
80
100
120
140
0.1
1
10
G = +100
G = +10
G = +1000
G = +2
Figure 25. Negative PSR vs. Frequency, RTI
OUTPUT CURRENT (mA)
12
02
468
10
10
8
6
4
2
0
–2
–4
–6
–8
–10
–40
°C
–40
°C
+125
°C
+25
°C
+125
°C
+25
°C
+25
°C
+25
°C
–40
°C
VS = ±5V
VS = ±5V
VS = ±8V
VS = ±8V
+125
°C
–40
°C
+125
°C
Figure 26. Output Voltage Swing vs. Output Current,
−40°C, +25°C, +85°C, +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com