Electronic Components Datasheet Search
  English  ▼

X  

AD8230 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8230
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8230 Datasheet HTML 6Page - Analog Devices AD8230 Datasheet HTML 7Page - Analog Devices AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices AD8230 Datasheet HTML 10Page - Analog Devices AD8230 Datasheet HTML 11Page - Analog Devices AD8230 Datasheet HTML 12Page - Analog Devices AD8230 Datasheet HTML 13Page - Analog Devices AD8230 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8230
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
Auto-zeroing is a dynamic offset and drift cancellation tech-
nique that reduces input referred voltage offset to the µV level
and voltage offset drift to the nV/°C level. A further advantage
of dynamic offset cancellation is the reduction of low frequency
noise, in particular the 1/f component.
The AD8230 is an instrumentation amplifier that uses an
auto-zeroing topology and combines it with high common-
mode signal rejection. The internal signal path consists of an
active differential sample-and-hold stage (preamp) followed by
a differential amplifier (gain amp). Both amplifiers implement
auto-zeroing to minimize offset and drift. A fully differential
topology increases the immunity of the signals to parasitic noise
and temperature effects. Amplifier gain is set by two external
resistors for convenient TC matching.
The signal sampling rate is controlled by an on-chip, 6 kHz
oscillator and logic to derive the required nonoverlapping
clock phases. For simplification of the functional description,
two sequential clock phases, A and B, are used to distinguish
the order of internal operation, as depicted in Figure 27 and
Figure 28, respectively.
–
–
+
+
VREF
CHOLD
VOUT
V+IN
V–IN
CHOLD
CSAMPLE
RF
RG
PREAMP
GAIN AMP
VDIFF
+VCM
–VS
–VS
Figure 27. Phase A of the Sampling Phase
During Phase A, the sampling capacitors are connected to the
inputs. The input signal’s difference voltage, VDIFF, is stored
across the sampling capacitors, CSAMPLE. Since the sampling
capacitors only retain the difference voltage, the common-mode
voltage is rejected. During this period, the gain amplifier is not
connected to the preamplifier so its output remains at the level
set by the previously sampled input signal held on CHOLD, as
shown in Figure 27.
–
–
+
+
VREF
CHOLD
VOUT
V+IN
V–IN
CHOLD
CSAMPLE
RF
RG
PREAMP
GAIN AMP
VDIFF
+VCM
–VS
–VS
Figure 28. Phase B of the Sampling Phase
In Phase B, the differential signal is transferred to the hold
capacitors refreshing the value stored on CHOLD. The output of
the preamplifier is held at a common-mode voltage determined
by the reference potential, VREF. In this manner, the AD8230 is
able to condition the difference signal and set the output voltage
level. The gain amplifier conditions the updated signal stored on
the hold capacitors, CHOLD.
SETTING THE GAIN
Two external resistors set the gain of the AD8230. The gain is
expressed in the following function:
)
2(1
G
F
R
R
Gain
+
=
2
6
1
7
5
8
4
3
AD8230
VOUT
–VS
+VS
0.1
µF
RG
RF
RG
VREF1
VREF2
0.1
µF
10
µF
10
µF
Figure 29. Gain Setting
Table 4. Gains Using Standard 1% Resistors
Gain
RF
RG
Actual Gain
2
0 Ω (short)
None
2
10
8.06 kΩ
2 kΩ
10
50
12.1 kΩ
499 Ω
50.5
100
9.76 kΩ
200 Ω
99.6
200
10 kΩ
100 Ω
202
500
49.9 kΩ
200 Ω
501
1000
100 kΩ
200 Ω
1002
Figure 29 and Table 4 provide an example of some gain settings.
As Table 4 shows, the AD8230 accepts a wide range of resistor
values. Since the instrumentation amplifier has finite driving
capability, make sure that the output load in parallel with the
sum of the gain setting resistors is greater than 2 kΩ.
RL||(RF + RG) > 2 kΩ
Offset voltage drift at high temperature can be minimized by
keeping the value of the feedback resistor, RF, small. This is due
to the junction leakage current on the RG pin, Pin 7. The effect
of the gain setting resistor on offset voltage drift is shown in
Figure 30. In addition, experience has shown that wire-wound
resistors in the gain feedback loop may degrade the offset
voltage performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com