Electronic Components Datasheet Search
  English  ▼

X  

AD8230 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8230
Description  16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8230 Datasheet(HTML) 3 Page - Analog Devices

  AD8230 Datasheet HTML 1Page - Analog Devices AD8230 Datasheet HTML 2Page - Analog Devices AD8230 Datasheet HTML 3Page - Analog Devices AD8230 Datasheet HTML 4Page - Analog Devices AD8230 Datasheet HTML 5Page - Analog Devices AD8230 Datasheet HTML 6Page - Analog Devices AD8230 Datasheet HTML 7Page - Analog Devices AD8230 Datasheet HTML 8Page - Analog Devices AD8230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8230
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = ±5 V, VREF = 0 V, RF = 100 kΩ, RG = 1 kΩ (@ TA = 25°C, G = 202, RL = 10 kΩ, unless otherwise noted).
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
VOLTAGE OFFSET
RTI Offset, VOSI
V+IN = V−IN = 0 V
10
µV
Offset Drift
V+IN = V−IN = 0 V,
TA = −40°C to +125°C
50
nV/°C
COMMON-MODE REJECTION (CMR)
CMR to 60 Hz with 1 kΩ Source Imbalance
VCM = −5 V to +5 V
110
120
dB
VOLTAGE OFFSET RTI vs. SUPPLY (PSR)
G = 2
120
120
dB
G = 202
120
140
dB
GAIN
G = 2(1 + RF/RG)
Gain Range
101
1000
V/V
Gain Error
G = 2
0.01
%
G = 10
0.01
%
G = 100
0.01
%
G = 1000
0.02
%
Gain Nonlinearity
20
ppm
INPUT
Input Common-Mode Operating Voltage Range
−VS
+VS
V
Over Temperature
T = −40°C to +125°C
−VS
+VS
V
Input Differential Operating Voltage Range
750
mV
Average Input Offset Current2
VCM = 0V
33
pA
OUTPUT
Output Swing
−VS + 0.1
+VS − 0.2
V
Over Temperature
T = −40°C to +125°C
−VS + 0.1
+VS − 0.2
V
Short-Circuit Current
15
mA
REFERENCE INPUT
Voltage Range
−1
+1
V
NOISE
Voltage Noise Density, 1 kHz, RTI
VIN+, VIN−, VREF = 0
240
nV/√Hz
Voltage Noise
f = 0.1 Hz to 10 Hz
3
µV p-p
SLEW RATE
VIN = 500 mV, G = 10
2
V/µs
INTERNAL SAMPLE RATE
6
kHz
POWER SUPPLY
Operating Range (Dual Supplies)
±4
±8
V
Operating Range (Single Supply)
+8
+16
V
Quiescent Current
T = −40°C to +125°C
2.7
3.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+125
°C
1 The AD8230 can operate as low as G = 2. However, since the differential input range is limited to approximately 750 mV, the AD8230 configured at G < 10 does not
make use of the full output voltage range.
2 Differential source resistance less than 10 kΩ does not result in voltage offset due to input bias current or mismatched series resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com