Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 4 Page - Analog Devices

  LT8613 Datasheet HTML 1Page - Analog Devices LT8613 Datasheet HTML 2Page - Analog Devices LT8613 Datasheet HTML 3Page - Analog Devices LT8613 Datasheet HTML 4Page - Analog Devices LT8613 Datasheet HTML 5Page - Analog Devices LT8613 Datasheet HTML 6Page - Analog Devices LT8613 Datasheet HTML 7Page - Analog Devices LT8613 Datasheet HTML 8Page - Analog Devices LT8613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LT8645S/LT8646S
4
Rev. B
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LT8646S VC Pin to Switch Current Gain
8
A/V
LT8646S VC Clamp Voltage
2.6
V
BIAS Pin Current Consumption
VBIAS = 3.3V, fSW = 2MHz
22
mA
Minimum On-Time
ILOAD = 2A, SYNC = 0V
ILOAD = 2A, SYNC = 2V
l
l
40
35
65
60
ns
ns
Minimum Off-Time
80
110
ns
Oscillator Frequency
RT = 221k
RT = 60.4k
RT = 18.2k
l
l
l
180
665
1.8
210
700
1.95
240
735
2.1
kHz
kHz
MHz
Top Power NMOS On-Resistance
ISW = 1A
36
mΩ
Top Power NMOS Current Limit
l
10.5
14
17.5
A
Bottom Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
25
mΩ
Bottom Power NMOS Current Limit
VINTVCC = 3.4V
8.5
11
13.5
A
SW Leakage Current
VIN = 42V, VSW = 0V, 42V
–1.5
1.5
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.95
1.01
1.07
V
EN/UV Pin Hysteresis
45
mV
EN/UV Pin Current
VEN/UV = 2V
–20
20
nA
PG Upper Threshold Offset from VFB
VFB Falling
l
5
7.5
10
%
PG Lower Threshold Offset from VFB
VFB Rising
l
–10.5
–8
–5.5
%
PG Hysteresis
0.4
%
PG Leakage
VPG = 3.3V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.1V
l
750
2000
Ω
SYNC/MODE Threshold
SYNC/MODE DC and Clock Low Level Voltage
SYNC/MODE Clock High Level Voltage
SYNC/MODE DC High Level Voltage
l
l
l
0.7
2.2
0.9
1.2
2.55
1.4
2.9
V
V
V
Spread Spectrum Modulation
Frequency Range
RT = 60.4k, VSYNC = 3.3V
24
%
Spread Spectrum Modulation Frequency
VSYNC = 3.3V
2.5
kHz
TR/SS Source Current
l
1.2
1.9
2.6
µA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V
220
Ω
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8645SE/LT8646SE is guaranteed to meet performance
specifications from 0°C to 125°C junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization, and correlation with statistical process controls.
The LT8645SI/LT8646SI is guaranteed over the full –40°C to 125°C
operating junction temperature range.
The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD •
θJA)
where
θJA (in °C/W) is the package thermal impedance.
Note 3:
θ values determined per JEDEC 51-7, 51-12. See Applications
Information Section for information on improving the thermal resistance
and for actual temperature measurements of a demo board in typical
operating conditions.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com