Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8613 Datasheet HTML 15Page - Analog Devices LT8613 Datasheet HTML 16Page - Analog Devices LT8613 Datasheet HTML 17Page - Analog Devices LT8613 Datasheet HTML 18Page - Analog Devices LT8613 Datasheet HTML 19Page - Analog Devices LT8613 Datasheet HTML 20Page - Analog Devices LT8613 Datasheet HTML 21Page - Analog Devices LT8613 Datasheet HTML 22Page - Analog Devices LT8613 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LT8645S/LT8646S
19
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
a 3kHz rate. When spread spectrum operation is selected,
Burst Mode operation is disabled, and the part will run in
pulse-skipping mode.
Synchronization
To synchronize the LT8645S/LT8646S oscillator to an
external frequency, connect a square wave to the SYNC/
MODEpin.Thesquarewaveamplitudeshouldhavevalleys
that are below 0.4V and peaks above 1.5V (up to 6V), with
a minimum on-time and off-time of 50ns.
The LT8645S/LT8646S will not enter Burst Mode opera-
tion at low output loads while synchronized to an external
clock, but instead will pulse-skip to maintain regulation.
TheLT8645S/LT8646Smaybesynchronizedovera200kHz
to 2.2MHz range. The RT resistor should be chosen to set
the LT8645S/LT8646S switching frequency equal to or
belowthelowestsynchronizationinput.Forexample,ifthe
synchronization signal will be 500kHz and higher, the RT
should be selected for 500kHz. The slope compensation is
setbytheRTvalue,whiletheminimumslopecompensation
required to avoid subharmonic oscillations is established
by the inductor size, input voltage, and output voltage.
Since the synchronization frequency will not change the
slopes of the inductor current waveform, if the inductor
is large enough to avoid subharmonic oscillations at the
frequency set by RT, then the slope compensation will be
sufficient for all synchronization frequencies.
TheLT8645S/LT8646Sdoesnotoperateinforcedcontinu-
ous mode regardless of SYNC/MODE signal.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1
= R2
VOUT
0.97V
− 1
⎛
⎝⎜
⎞
⎠⎟
(1)
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
For the LT8645S, if low input quiescent current and good
light-load efficiency are desired, use large resistor values
fortheFBresistordivider.Thecurrentflowinginthedivider
acts as a load current, and will increase the no-load input
current to the converter, which is approximately:
IQ = 1.7µA +
VOUT
R1
+R2
⎛
⎝⎜
⎞
⎠⎟
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
1
n
⎛
⎝⎜
⎞
⎠⎟
(2)
where 1.7µA is the quiescent current of the LT8645S and
the second term is the current in the feedback divider
reflected to the input of the buck operating at its light
load efficiency n. For a 3.3V application with R1 = 1M and
R2 = 412k, the feedback divider draws 2.3µA. With VIN =
12V and n = 80%, this adds 0.8µA to the 1.7µA quiescent
current resulting in 2.5µA no-load current from the 12V
supply. Note that this equation implies that the no-load
current is a function of VIN; this is plotted in the Typical
Performance Characteristics section.
When using large FB resistors, a 1pF to 10pF phase-lead
capacitor should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8645S/LT8646S uses a constant frequency PWM
architecture that can be programmed to switch from
200kHz to 2.2MHz by using a resistor tied from the RT
pin to ground. A table showing the necessary RT value for
a desired switching frequency is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
46.5
fSW
– 5.2
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com