Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 27 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT8613 Datasheet HTML 22Page - Analog Devices LT8613 Datasheet HTML 23Page - Analog Devices LT8613 Datasheet HTML 24Page - Analog Devices LT8613 Datasheet HTML 25Page - Analog Devices LT8613 Datasheet HTML 26Page - Analog Devices LT8613 Datasheet HTML 27Page - Analog Devices LT8613 Datasheet HTML 28Page - Analog Devices LT8613 Datasheet HTML 29Page - Analog Devices LT8613 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LT8645S/LT8646S
27
Rev. B
For more information www.analog.com
Figure 11. 2MHz 5V, 8A Step-Down Converter
Figure 13. 12V, 8A Step-Down Converter
TYPICAL APPLICATIONS
Figure 12. 2MHz 3.3V, 8A Step-Down Converter
LT8645S/
LT8646S
SW
BIAS
FB
VIN
5.5V TO 65V
GND
PINS NOT USED
IN THIS CIRCUIT:
BST, CLKOUT,
INTVCC, PG,
SYNC/MODE, TR/SS
*VC PIN AND COMPONENTS
ONLY APPLY TO LT8646S.
RT
VIN
EN/UV
VOUT
5V
8A
100µF
1210
X5R/X7R
4.7pF
8645S F11
4.7µF
17.8k
1M
243k
1µH
fSW = 2MHz
L: XEL6030
VC*
7.5k
330pF
LT8645S/
LT8646S
SW
BIAS
FB
VIN
3.8V TO 42V
(65V TRANSIENT)
GND
PINS NOT USED
IN THIS CIRCUIT:
BST, CLKOUT,
INTVCC, PG,
SYNC/MODE, TR/SS
*VC PIN AND COMPONENTS
ONLY APPLY TO LT8646S.
RT
VIN
EN/UV
VOUT
3.3V
8A
100µF
1210
X5R/X7R
4.7pF
8645S F12
4.7µF
17.8k
1M
412k
0.82µH
fSW = 2MHz
L: XEL6030
VC*
8.87k
330pF
LT8645S
SW
BIAS
FB
VIN
12.5V TO 65V
GND
RT
VIN
EN/UV
VOUT
12V
8A
47µF
1210
X5R/X7R
2.2pF
8645S F13
4.7µF
41.2k
1M
88.7k
4.7µH
fSW = 1MHz
L: XEL6060
PINS NOT USED
IN THIS CIRCUIT:
BST, CLKOUT,
INTVCC, PG,
SYNC/MODE, TR/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com