Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8613 Datasheet HTML 11Page - Analog Devices LT8613 Datasheet HTML 12Page - Analog Devices LT8613 Datasheet HTML 13Page - Analog Devices LT8613 Datasheet HTML 14Page - Analog Devices LT8613 Datasheet HTML 15Page - Analog Devices LT8613 Datasheet HTML 16Page - Analog Devices LT8613 Datasheet HTML 17Page - Analog Devices LT8613 Datasheet HTML 18Page - Analog Devices LT8613 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LT8645S/LT8646S
15
Rev. B
For more information www.analog.com
OPERATION
TheLT8645S/LT8646Sisamonolithic,constantfrequency,
current mode step-down DC/DC converter. An oscillator,
with frequency set using a resistor on the RT pin, turns
on the internal top power switch at the beginning of each
clock cycle. Current in the inductor then increases until
the top switch current comparator trips and turns off the
top power switch. The peak inductor current at which
the top switch turns off is controlled by the voltage on
the internal VC node. The error amplifier servos the VC
node by comparing the voltage on the VFB pin with an
internal 0.97V reference. When the load current increases
it causes a reduction in the feedback voltage relative to
the reference leading the error amplifier to raise the VC
voltageuntiltheaverageinductorcurrentmatchesthenew
load current. When the top power switch turns off, the
synchronous power switch turns on until the next clock
cycle begins or inductor current falls to zero. If overload
conditions result in more than 11A flowing through the
bottom switch, the next clock cycle will be delayed until
switch current returns to a safe level.
The “S” in LT8645S/LT8646S refers to the second genera-
tion Silent Switcher technology. This technology allows
fast switching edges for high efficiency at high switching
frequencies, while simultaneously achieving good EMI
performance. This includes the integration of ceramic
capacitors into the package for VIN, BST, and INTVCC (see
Block Diagram). These caps keep all the fast AC current
loops small, which improves EMI performance.
If the EN/UV pin is low, the LT8645S/LT8646S is shut
down and draws approximately 1µA from the input. When
the EN/UV pin is above 1.01V, the switching regulator will
become active.
Tooptimizeefficiencyatlightloads,theLT8645S/LT8646S
operates in Burst Mode operation in light load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down, reducing the input sup-
ply current to 1.7μA (LT8645S) or 230μA (LT8646S with
BIAS = 0). In a typical application, 2.5μA (LT8645S) or
120μA (LT8646S with BIAS = 5VOUT) will be consumed
from the input supply when regulating with no load. The
SYNC/MODE pin is tied low to use Burst Mode operation
and can be floated to use pulse-skipping mode. If a clock is
appliedtotheSYNC/MODEpin,thepartwillsynchronizeto
an external clock frequency and operate in pulse-skipping
mode.Whileinpulse-skippingmodetheoscillatoroperates
continuously and positive SW transitions are aligned to
the clock. During light loads, switch pulses are skipped
to regulate the output and the quiescent current will be
several hundred µA.
To improve EMI, the LT8645S/LT8646S can operate in
spread spectrum mode. This feature varies the clock with
a triangular frequency modulation of +20%. For example,
if the LT8645S/LT8646S’s frequency is programmed to
switch at 2MHz, spread spectrum mode will modulate the
oscillator between 2MHz and 2.4MHz. The SYNC/MODE
pin should be tied high to INTVCC (~3.4V) or an external
supply of 3V to 4V to enable spread spectrum modulation
with pulse-skipping mode.
To improve efficiency across all loads, supply current to
internal circuitry can be sourced from the BIAS pin when
biased at 3.3V or above. Else, the internal circuitry will
draw current from VIN. The BIAS pin should be connected
to VOUT if the LT8645S/LT8646S output is programmed
at 3.3V to 25V.
The VC pin optimizes the loop compensation of the
switching regulator based on the programmed switching
frequency, allowing for a fast transient response. The VC
pinalsoenablescurrentsharingandaCLKOUTpinenables
synchronizing other regulators to the LT8646S.
Comparators monitoring the FB pin voltage will pull the
PG pin low if the output voltage varies more than ±8%
(typical)fromthesetpoint,orifafaultconditionispresent.
The oscillator reduces the LT8645S/LT8646S’s operat-
ing frequency when the voltage at the FB pin is low. This
frequency foldback helps to control the inductor current
when the output voltage is lower than the programmed
value which occurs during start-up or overcurrent condi-
tions. When a clock is applied to the SYNC/MODE pin, the
SYNC/MODE pin is floated, or held DC high, the frequency
foldback is disabled and the switching frequency will slow
down only during overcurrent conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com