Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8613 Datasheet HTML 20Page - Analog Devices LT8613 Datasheet HTML 21Page - Analog Devices LT8613 Datasheet HTML 22Page - Analog Devices LT8613 Datasheet HTML 23Page - Analog Devices LT8613 Datasheet HTML 24Page - Analog Devices LT8613 Datasheet HTML 25Page - Analog Devices LT8613 Datasheet HTML 26Page - Analog Devices LT8613 Datasheet HTML 27Page - Analog Devices LT8613 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LT8645S/LT8646S
24
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency. A
phase lead capacitor (Cpl) across the feedback divider can
be used to improve the transient response and is required
to cancel the parasitic pole caused by the feedback node
to ground capacitance.
Output Voltage Tracking and Soft-Start
The LT8645S/LT8646S allows the user to program its out-
putvoltagerampratebymeansoftheTR/SSpin.Aninternal
1.9μApullsuptheTR/SSpintoINTVCC.Puttinganexternal
capacitor on TR/SS enables soft starting the output to
prevent current surge on the input supply. During the soft-
start ramp the output voltage will proportionally track the
TR/SS pin voltage.
For output tracking applications, TR/SS can be externally
driven by another voltage source. For the LT8645S, from
0V to 0.97V, the TR/SS voltage will override the internal
0.97Vreferenceinputtotheerroramplifier,thusregulating
the FB pin voltage to that of TR/SS pin. When TR/SS is
above 0.97V, tracking is disabled and the feedback volt-
age will regulate to the internal reference voltage. For the
LT8646S, from 0V to 1.6V, the TR/SS voltage will override
the internal 0.97V reference input to the error amplifier,
thus regulating the FB pin voltage to a function of the TR/
SSpin.SeeplotintheTypicalPerformanceCharacteristics
section. When TR/SS is above 1.6V, tracking is disabled
and the feedback voltage will regulate to the internal ref-
erence voltage. The TR/SS pin may be left floating if the
function is not needed.
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the EN/UV pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Output Power Good
WhentheLT8645S/LT8646S’soutputvoltageiswithinthe
±8% window of the regulation point, the output voltage
is considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PG pin low. To prevent glitching both the upper and
lower thresholds include 0.4% of hysteresis. PG is valid
when VIN is above 3.4V
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 1V, INTVCC has fallen too
low, VIN is too low, or thermal shutdown.
Paralleling (LT8646S Only)
Toincreasethepossibleoutputcurrent,twoLT8646Sscan
be connected in parallel to the same output. To do this, the
VCandFBpinsareconnectedtogether,andeachLT8646S’s
SW node is connected to the common output through its
own inductor. The CLKOUT pin of one LT8646S should be
connected to the SYNC/MODE pin of the second LT8646S
to have both devices operate in the same mode. During
pulse-skipping, Spread Spectrum, and Synchronization
modes, both devices will operate at the same frequency.
Figure 5 shows an application where two LT8646S are
paralleled to get one output capable of up to 16A.
Figure 5. Paralleling Two LT8646S
LT8646S
8645S F05
SW
CLKOUT
VC
FB
LT8646S
SS
SS
FB
VC
SYNC/MODE
SW
COUT
R1
C1
VOUT
16A
L1
L2
R2
RC
CC
Shorted and Reversed Input Protection
The LT8645S/LT8646S will tolerate a shorted output.
Several features are used for protection during output
short-circuit and brownout conditions. The first is the
switching frequency will be folded back while the output
is lower than the set point to maintain inductor current
control. Second, the bottom switch current is monitored
such that if inductor current is beyond safe levels switch-
ing of the top switch will be delayed until such time as the
inductor current falls to safe levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com