Electronic Components Datasheet Search
  English  ▼

X  

LT8613 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8613
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8613 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8613 Datasheet HTML 7Page - Analog Devices LT8613 Datasheet HTML 8Page - Analog Devices LT8613 Datasheet HTML 9Page - Analog Devices LT8613 Datasheet HTML 10Page - Analog Devices LT8613 Datasheet HTML 11Page - Analog Devices LT8613 Datasheet HTML 12Page - Analog Devices LT8613 Datasheet HTML 13Page - Analog Devices LT8613 Datasheet HTML 14Page - Analog Devices LT8613 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT8645S/LT8646S
11
Rev. B
For more information www.analog.com
Radiated EMI Performance
(CISPR25 Radiated Emission Test with Class 5 Peak Limits)
TYPICAL PERFORMANCE CHARACTERISTICS
Conducted EMI Performance
DC2468A DEMO BOARD
(WITH EMI FILTER INSTALLED)
14V INPUT TO 5V OUTPUT AT 4A, fSW = 2MHz
FIXED FREQUENCY MODE
SPREAD SPECTRUM MODE
FREQUENCY (MHz)
0
3
6
9
12
15
18
21
24
27
30
–40
–30
–20
–10
0
10
20
30
40
50
60
8645S G49
VERTICAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
–5
0
5
10
15
20
25
30
35
40
45
50
8645S G50
DC2468A DEMO BOARD
(WITH EMI FILTER INSTALLED)
14V INPUT TO 5V OUTPUT AT 4A, fSW = 2MHz
HORIZONTAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
–5
0
5
10
15
20
25
30
35
40
45
50
8645S G51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com