Electronic Components Datasheet Search
  English  ▼

X  

EX27 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # EX27
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX27 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button EX27 Datasheet HTML 15Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 16Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 17Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 18Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 19Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 20Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 21Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 22Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ExaGrid Detailed Product Description
18
2)
Data is encrypted in the ExaGrid disk-cache Landing Zone or is encrypted on the primary storage and
backed up to ExaGrid such that ExaGrid has encrypted data in the Landing Zone and deduplicates
it into the Retention Tier. The data in the Landing Zone is encrypted. However, all previously
deduplicated data objects never change (immutable), so they are never impacted by the newly
arrived encrypted data. ExaGrid has all previous backups before the ransomware attack that can be
restored immediately. In addition to being able to recover from the most recent deduplicated backup,
the system still retains all the backup data according to the retention requirements.
Features:
y
Any deletion requests are delayed by the number of days in the protection policy.
y
Encrypted data written to ExaGrid does not delete or change previous backups in
the repository.
y
Landing Zone data that is encrypted does not delete or change previous backups in
the repository.
y
Set delayed deletion in 1 day increments from 0 days to 30 days.
y
Protects against loss of any and all retained backups including monthlies and yearlies.
y
Two-Factor Authentication (2FA) protects changes to Time-Lock setting.
- Only Security Officer role is allowed to approve changes to Time-Lock setting.
- 2FA with Login/Password and system generated QR code protects all accounts.
y
Separate password for primary site versus second site ExaGrid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com