Electronic Components Datasheet Search
  English  ▼

X  

EX27 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # EX27
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX27 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button EX27 Datasheet HTML 22Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 23Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 24Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 25Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 26Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 27Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 28Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 29Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ExaGrid Detailed Product Description
25
In contrast, other appliances that use inline, block-level deduplication rely on a top-tier processor with
large amounts of very fast memory and disk just to keep up with backup data. The premium cost of these
components means higher cost compared to ExaGrid appliances. In addition, since the inline scale-up
appliances have a fixed and limited ingest, in order to increase ingest, they need to use compute from
elsewhere in the environment. To this end, they deploy software on media servers and certain application
servers in order to do some of the deduplication work away from the inline appliance. Not only is deploying
agents frowned upon by most IT organizations, but even with this approach, the ExaGrid will still be three
times the ingest performance, and with ExaGrid there are no agents to deploy or manage.
When comparing ExaGrid appliances deduplication in the backup application software, it is important to keep
in mind that using deduplication in the backup application software typically requires greater resources on
the backup server—more processing power, more memory, and more disk. Software deduplication merely
shifts the backup performance bottleneck to the media server. Using data deduplication in the backup
software uses more disk and bandwidth over time and does not allow for backup environment flexibility such
as using a separate utility for virtualized backup, direct TAR backups, and direct database dumps such as SQL
dumps or Oracle RMAN dumps. ExaGrid’s deduplication will be three to ten times more efficient. In addition,
ExaGrid allows Veeam and Commvault deduplication to be turned on and ExaGrid with further deduplicate
that data greatly increasing the deduplication ratio to save on storage costs.
Cost Effectiveness as Data Grows
ExaGrid’s integrated Landing Zone with unique architecture—full appliances in a scale-out architecture is the
most cost-effective way to scale as data grows. Each ExaGrid appliance added to the system includes a full
server with additional processor, memory, bandwidth, and disk resources. Total backup capacity keeps pace
with continued data growth over time by simply adding ExaGrid appliances to the system. There are no forklift
upgrades and no additional future costs to consider.
Other appliances that use inline, block-level deduplication do not support a scale-out architecture and are
therefore more costly to scale. Instead of adding capacity by adding full servers, only disk shelves are added
over time as data grows. But, at some point, the single front-end controller becomes a bottleneck due to its
fixed processor, memory and bandwidth resources and can no longer handle the backup load. Eventually,
the entire front-end server must be replaced with the next higher capacity unit in a “forklift upgrade.” In fact,
you may have to spend as much for the front-end controller upgrade as you originally spent on the original
system, including disk shelves. In addition, all data is always deduplicated. For each restore, recovery, and copy
request, the data has to be put back together, or “rehydrated,” which can take hours to days.
In addition, unlike other appliances that “end-of-life” in as little as 18 months and are incompatible with
newer models from the same vendor, ExaGrid’s scale-out architecture allows you to “mix and match”
different capacities and generations of appliances within a single system. Only ExaGrid protects your backup
investment from obsolescence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com