Electronic Components Datasheet Search
  English  ▼

X  

EX27 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # EX27
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX27 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button EX27 Datasheet HTML 11Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 12Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 13Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 14Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 15Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 16Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 17Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 18Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
ExaGrid Detailed Product Description
14
Oracle RMAN Channels
ExaGrid supports Oracle RMAN Channels targeted at multiple NAS shares across multiple appliances with
global deduplication in a scale-out system. RMAN Channels automatically writes “sections” in parallel to all
NAS shares and automatically redirects the next “section” based on available targets. RMAN Channels with
ExaGrid has six major advantages.
1. Oracle database can be up to 2.69PB in size and can be backed up in parallel to a single
ExaGrid scale-out system.
2. The database backup performance is accelerated as the sections are backed up in parallel
across multiple appliances in a scale-out system.
3. The database backup performance is maximized as each new section is automatically sent
to the highest performance availability NAS shares and/or appliance, resulting in the best
possible performance based on NAS share and appliance ingest availability.
4. If any appliance fails, the segments are automatically redirected to the active appliance,
providing for automatic failover.
5. The most recent database is stored in an undeduplicated form in the ExaGrid disk-cache
Landing Zone, allowing for fast restores while still allowing for storage efficiency as all
long-term retention data is stored in deduplicated form. This avoids the lengthy data
rehydration process of inline scale-up appliances that only store deduplicated data.
6. As the database data grows, the backup window stays fixed in length as full appliances are
added into a scale-out system bringing compute with capacity. This eliminates the forklift
upgrades associated with inline scale-up deduplication appliances.
Database Backup Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com