Electronic Components Datasheet Search
  English  ▼

X  

EX27 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # EX27
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX27 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button EX27 Datasheet HTML 16Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 17Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 18Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 19Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 20Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 21Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 22Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 23Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
ExaGrid Detailed Product Description
19
RAID6 Internal Storage with Consistency Checking
All ExaGrid internal storage is accessed using an industry-leading PCI RAID controller at the RAID6 level of disk
protection with a global “hot spare” disk. Since RAID6 keeps stripe parity on two disks, each ExaGrid appliance
can tolerate the loss of up to two disk drives at the same time. The first lost disk drive will initiate a parity
rebuild operation using the global hot spare as well as informing the backup administrator and (optionally)
ExaGrid customer support of the failure. A replacement disk drive is dispatched quickly, typically allowing
replacement of the failed disk the next business day. Loss of second disk does not result in loss of data since
the remaining parity disk allows for data regeneration; this extends even longer the time available to replace
the failed disk(s).
During normal operation, the RAID controller does consistency checking of the data on its disks in the
background, correcting any disk media errors using the parity disks.
Flash-Backed RAID Cache
The industry-leading PCI RAID controller has onboard writeback cache backed up by a super-cap powered
flash memory. Unexpected loss of appliance power does not result in backup data loss because any in-process
writes to any disk are preserved until power is restored.
Backup Data Checksums with Automatic Repair
As backup data is deduplicated, checksums are added to the deduplicated data as it is placed into the internal
storage area, called the “repository.”These end-to-end checksums cover the deduplicated backup data itself, and
are used to verify the backup data during processing and as it is read from disk. The deduplicated backup data
can optionally be replicated to a remote site; these checksums are used to validate the replicated data as well.
The ExaGrid software continually scrubs the repository data, confirming checksums and automatically
repairing any deduplicated data that does not match its checksum using data from remote site(s). This
automatic repair of deduplicated data is covered by one of ExaGrid’s patents.
Deduplicated Metadata Transactional Consistency
Metadata that tracks all of the deduplicated data is kept in a database and on internal storage. Software
techniques are used to ensure transactional integrity of all metadata changes, including flushing filesystem
pages into the flash-backed RAID onboard cache. The data flow of deduplicated backup data is protected
end-to-end by the combination of checksums (above) and metadata transactional consistency.
Internal Database Backups and Self-Describing Metadata
The database used to keep metadata that tracks deduplicated data is periodically dumped to internal
storage. These dumps are used to quickly restore the metadata database in the case of massive failure. The
database dumps are used as an optimization; the metadata kept on disk is self-describing and can be used to
completely rebuild the deduplicated data in the internal repository both at the local and remote ExaGrid sites.
Logging Filesystem
Backup data is kept in the ExaGrid internal storage on an industry-standard logging filesystem where file
activity is logged for integrity and quick repair after an unclean shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com