Electronic Components Datasheet Search
  English  ▼

X  

EX27 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EX27
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX27 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EX27 Datasheet HTML 2Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 3Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 4Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 5Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 6Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 7Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 8Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 9Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ExaGrid Detailed Product Description
5
Scalable Architecture – Scale-Out
The typical business or organization is seeing data growth of 30% a year which doubles data every 2.5 years.
This data growth presents challenges to IT to ensure their backup system can scale easily to support that
growth. With scale-up disk backup solutions that have a front-end server/controller architecture and add just
disk shelves as data grows, you start with a short backup window, but as data grows, the backup window
expands because only disk is added but no additional deduplication processing resources. Eventually, the
backup window expands to a point where you must replace the front-end server with a more powerful server
via a costly “forklift upgrade.”
In contrast, ExaGrid’s scalable approach with global deduplication adds full servers—including memory,
processor, and bandwidth as well as disk. The figure below shows the differences between how the two
different architectures cope with data growth over time.
84TB
63TB
X TB/hr
Deduplication Engine
Deduplication Engine
12X TB/hr
1PB
Single Front-End Controller
Full Servers in a Single System
Backup Window
Backup Window
Scale-Up Architecture
ExaGrid Scale-Out Architecture
Deduplication Engine
X TB/hr
252TB
DISK
X TB/hr
126TB
DISK
X TB/hr
504TB
DISK
X TB/hr
630TB
DISK
X TB/hr
756TB
DISK
Deduplication Engine
2X TB/hr
168TB
Deduplication Engine
4X TB/hr
336TB
Deduplication Engine
8X TB/hr
672TB
Deduplication Engine
10X TB/hr
840TB
Ingest
X TB/hr
1PB
DISK
Deduplication Engine
16X TB/hr
1.34PB
Out of storage and ingest - forklift upgrade
Ingest
Ingest not keeping up with storage
Deduplication Engine
32X TB/hr
2.69PB
Scale-out vs Scale-up Backup Storage
30
60
90
120
150
180
250
240
270
300
330
360
420
390
450
480
510
Full Backup TBs
DD9900
DD9400
DD6900
Dell EMC DD Boost
ExaG
rid EX84
up t
o 32
applianc
es in
a Scale
-Out
Syst
em



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com