Electronic Components Datasheet Search
  English  ▼

X  

EX27 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # EX27
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EX27 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button EX27 Datasheet HTML 18Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 19Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 20Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 21Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 22Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 23Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 24Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 25Page - List of Unclassifed Manufacturers EX27 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
ExaGrid Detailed Product Description
21
Offsite Data Protection for Disaster Recovery
ExaGrid appliances can easily maintain offsite backups through the use of an offsite ExaGrid appliance in
conjunction with a primary site ExaGrid appliance.
Backing up your data to an ExaGrid appliance at your primary site dramatically reduces the amount of disk
space required to store all of that data due to its high-performance data deduplication capability. In a multi-
site ExaGrid environment, the onsite ExaGrid system is only sending deduplicated data—the backup data
bytes that change between each backup—over the wide area network (WAN) to the offsite ExaGrid appliance.
The offsite ExaGrid appliance is ready for data restore and fast recovery in the event of a disaster or other
primary site outage.
If the replication is one way only, the second site / offsite ExaGrid can be half the capacity of the primary site
ExaGrid greatly reducing overall cost.
Replication between ExaGrid systems across a WAN can be scheduled for the day of the week and multiple times
throughout each day. Each scheduled period allows for bandwidth throttling which limits replication to only
use the assigned bandwidth. The combination of scheduling flexibility and bandwidth throttling allows for the
maximum efficiency of WAN bandwidth used for replication. Replicated data can be encrypted over the WAN
using a customer’s VPN or by utilizing the ExaGrid built-in replication encryption.
ExaGrid supports various DR options:
Private Cloud
y
Replicating to an ExaGrid at a customer’s second data center (DR site)
y
Replicating to an ExaGrid at a third-party hosted data center (DR site)
Hybrid Cloud
y
Replicating to an ExaGrid owned and operated by an ExaGrid third-party DR provider or
ExaGrid reseller and billed by the GB per month using OPEX budget
Public Cloud
y
Replicating to an ExaGrid VM in a public cloud (e.g., AWS), where DR data is stored in the
public cloud and billed by the GB per month using OPEX budget
Infrastructure to a Backup App
to ExaGrid appliances
Private Cloud
Private Cloud
Hybrid Cloud
Public Cloud
Data Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com