Electronic Components Datasheet Search
  English  ▼

X  

BZ01 Datasheet(PDF) 17 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 17 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 13Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 14Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 15Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 16Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 17Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 18Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 19Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 20Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 21Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
14
SECTION 2: MECHANICAL SPECIFICATIONS (CONT’D)
2.7: PACKAGING SPECIFICATIONS
BZ01 CASE:
BZ02 CASE:
BZ05, BZ09 CASE:
This specification applies when our electrochemical supercapacitors are packed using a 165mm by 165mm container.
The parts are held in place by a 166mm by 166mm lid.
PACKAGING QUANTITIES:
Size
No. of Rows
No. of Columns
Pieces/Tray
BZ01
5
3
15
BZ02
4
2
8
BZ05
5
4
20
BZ09
5
4
20
167.6
(6.60)
13.2
(0.52)
50.8
(2.00)
31.8
(1.25)
167.6
(6.60)
167.6
(6.60)
13.2
(0.52)
71.0
(2.80)
38.1
(1.50)
167.6
(6.60)
167.6
(6.60)
13.2
(0.52)
38.1
(1.50)
28.6
(1.12)
167.6
(6.60)
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Packaging Specifications/Quantities (BZ01/02/05/09)
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com