Electronic Components Datasheet Search
  English  ▼

X  

BZ01 Datasheet(PDF) 15 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 15 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 11Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 12Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 13Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 14Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 15Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 16Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 17Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 18Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 19Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
12
SECTION 2: MECHANICAL SPECIFICATIONS (CONT’D)
2.5.1: N-LEAD CONFIGURATION
TABLE 2.5.1: N-STYLE CASE DIMENSIONS
TABLE 2.5.2: N-STYLE LEAD LAYOUT
2.5.2: N-LEAD CONFIGURATION (PLANAR MOUNT)
Case Dimensions: mm (inches)
Case Size
L
±0.5 (0.020)
W
+1.0 (0.040)/-0
H
(Maximum)
B
±0.5 (0.020)
LL
±0.2 (0.008)
LW
±0.2 (0.008)
EL
±0.5 (0.020)
EW
±0.5 (0.020)
BZ01
30.5 (1.201)
17 (0.669)
See Section 1
11.2 (0.441)
2.5 (0.098)
1.4 (0.055)
2.5 (0.098)
1.4 (0.055)
BZ05
23.5 (0.925)
15 (0.591)
See Section 1
7.5 (0.295)
2.5 (0.098)
2.5 (0.098)
3.5 (0.138)
2.5 (0.098)
BZ09
20.5 (0.807)
15 ( 0.591)
See Section 1
7.5 (0.295)
2.5 (0.098)
2.5 (0.098)
3.5 (0.138)
2.5 (0.098)
PCB Dimensions: mm (inches)
Case Size
A
±0.5 (0.020)
B
±0.1 (0.004)
PW
±0.1 (0.004)
LPL
±0.1 (0.004)
RPL
±0.1 (0.004)
BZ01
0.5 (0.020)
9.5 (0.374)
3.2 (0.126)
3.5 (0.138)
3.5 (0.138)
BZ05
1.0 (0.039)
5.9 (0.232)
4.1 (0.161)
2.5 (0.098)
3.5 (0.138)
BZ09
1.0 (0.039)
5.9 (0.232)
4.1 (0.161)
2.5 (0.098)
3.5 (0.138)
L
LL
L
C
LW
BL
W
EW
EL
B
H
A
PW
B
LPL
RPL
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Mechanical Specifications (N-Lead)
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com