Electronic Components Datasheet Search
  English  ▼

X  

BZ01 Datasheet(PDF) 27 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 27 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 23Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 25Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 26Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 27Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 28Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 29Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 30Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 31Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
24
4.3 ENHANCING THE POWER CAPABILITY OF
PRIMARY BATTERIES
When electronic equipment is powered by a primary (non rechargeable)
battery, one of the limitations is the power capability of the battery.
In order to increase the available current from the battery while maintaining
a constant voltage drop across the battery terminals, the designer must
connect additional cells in parallel, leading to increased size and cost of
both the battery and the finished product.
When high power is only required for short periods, more sophisticated
approaches can be considered. The traditional approach involves using a
high power rechargeable battery, charged by a low power primary cell.
A far superior solution, however, is the use of a BestCap® Supercapacitor,
which is a device specifically designed to deliver high power.
Traditional design:
Design using BestCap®:
Primary
Battery
Rechargeable
Battery
Battery Powered
Equipment Requiring
High Current Pulses
Primary
Battery
BestCap
Battery Powered
Equipment Requiring
High Current Pulses
®
BestCap® Supercapacitor benefits to the designer are:
• Substantially lower voltage drop for pulse durations of up to 100msec.
• Substantially lower voltage drop at cold temperatures (–20°C).
• Discharge current limited only by the ESR of the capacitor
The following analysis compares a primary battery connected in parallel
to a Lithium Tionil Chloride, to the same primary battery connected to a
BestCap® Supercapacitor. Various current pulses (amplitude and duration)
are applied in each case.
BestCap® 5.5V 100mF
BestCap® 3.5V 560mF
Pulse
Voltage
Drop (mV)
BestCap® Supercapacitors
Voltage
Drop (mV)
rechargeable battery
250mA / 1msec
25
150
500mA / 1msec
50
220
750mA / 1msec
75
150
200mA / 100msec at -20°C
232
470
Pulse
Voltage
Drop (mV)
BestCap® Supercapacitors
Voltage
Drop (mV)
rechargeable battery
250mA / 100msec
50
190
500mA / 100msec
100
350
750mA / 100msec
152
190
1500mA / 1msec
43
220
1500mA / 100msec
305
350
750mA / 100msec at –20°C
172
470
Additional
Characteristics
BestCap®
Rechargeable Battery
Maximum discharge
current (single pulse)
Not limited
5A Maximum
Number of Cycles
Not limited
40K to 400K
(to retain 80% capacity)
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Enhancing the Power Capability of Primary Batteries
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com