Electronic Components Datasheet Search
  English  ▼

X  

BZ01 Datasheet(PDF) 25 Page - Kyocera Kinseki Corpotation

Part # BZ01
Description  BestCap® Ultra-low ESR High Power Pulse Supercapacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

BZ01 Datasheet(HTML) 25 Page - Kyocera Kinseki Corpotation

Back Button BZ01 Datasheet HTML 21Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 22Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 23Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 24Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 25Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 26Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 27Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 28Page - Kyocera Kinseki Corpotation BZ01 Datasheet HTML 29Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
22
4.1: ELECTROCHEMICAL EDLC VS. ELEC-
TRONIC TECHNOLOGY - BESTCAP® CON-
STRUCTION
To understand the benefits offered by the BestCap®, it is necessary to
examine how an electrochemical capacitor works. The most significant
difference between an electronic capacitor and an electrochemical
capacitor is that the charge transfer is carried out by the electrons in the
former and by electrons and ions in the latter. The anions and cations
involved in double layer supercapacitors are contained in the electrolyte
which may be liquid (normally an aqueous or organic solution) or solid. The
solid electrolyte is almost universally a conductive polymer.
Cell Case (Anode)
Cell Case (Anode)
Electrode (Cathode)
Carbon
Carbon
Insulation Material
Current Collector
Current Collector
Separator
Vo
Vt
t
V(IR)
V(Q)=I*
t/C( t)
total=I*R + I* t/C( t)
3.6
3.4
3.2
3
0
1000
2000
3000
4000
3.8
4
3
2
1
0
4
5
Time (µSeconds)
Battery Voltage
Battery and Capacitor Voltage
Current Pulse
Electrons are relatively fast moving and therefore transfer charge “instantly.”
However, ions have to move relatively slowly from anode to cathode, and
hence a finite time is needed to establish the full nominal capacitance of
the device. This nominal capacitance is normally measured at 1 second.
The differences between EDLC (Electrochemical Double Layer Capacitors)
and electronic capacitors are summarized in the
table below:
• A capacitor basically consists of two conductive plates (electrodes),
separated by a layer of dielectric material.
• These dielectric materials may be ceramic, plastic film, paper, aluminum
oxide, etc.
• EDLCs do not use a discrete dielectric interphase separating the
electrodes.
• EDLCs utilize the charge separation, which is formed across the
electrode – electrolyte interface.
• The EDLC constitutes of two types of charge carriers: IONIC species on
the ELECTROLYTE side and ELECTRONIC species on the ELECTRODE
side.
4.2: VOLTAGE DROP
Two factors are critical in determining the voltage drop when a capacitor
delivers a short current pulse; these are ESR and “available” capacitance as
shown in Figure 4.
Figure 4. Voltage-time relation of capacitor unit
Figure 5. GSM Pulse
The instant voltage drop ∆VESR is caused by and is directly proportional
to the capacitor’s ESR. The continuing voltage drop with time ∆VC, is a
function of the available charge, i.e. capacitance. From Figures 3 and 4
it is apparent that, for very short current pulses, e.g. in the millisecond
region, the combination of voltage drops in a conventional supercapacitor
caused by a) the high ESR and b) the lack of available capacitance causes
a total voltage drop, unacceptable for most applications. Now compare the
BestCap® performance under such pulse conditions. The ultra-low ESR (in
milliOhms) minimizes the instantaneous voltage drop, while the very high
retained capacitance drastically reduces the severity of the charge related
drop. This is explained further in a later section.
EFFICIENCY/TALKTIME BENEFITS OF BESTCAP®
Since BestCap®, when used in parallel with a battery, provides a current
pulse with a substantially higher voltage than that available just from the
battery as shown in Figure 5, the efficiency of the RF power amplifier is
improved.
Additionally, the higher-than battery voltage supplied by the BestCap® keeps
the voltage pulse above the “cut off voltage” limit for a significantly longer
time than is the case for the battery alone. This increase in “talk time” is
demonstrated in Figures 6(a) (Li-Ion at +25°C), and 6(b) (Li-Ion at 0°C).
BestCap® Ultra-low ESR
High Power Pulse Supercapacitors
Application Notes/BestCap® Construction/Voltage Drop
102419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com